Electronic Components Datasheet Search
  English  ▼

X  

9FGL02 Datasheet(PDF) 15 Page - Integrated Device Technology

Part # 9FGL02
Description  2-output 3.3V PCIe Clock Generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGL02 Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button 9FGL02 Datasheet HTML 11Page - Integrated Device Technology 9FGL02 Datasheet HTML 12Page - Integrated Device Technology 9FGL02 Datasheet HTML 13Page - Integrated Device Technology 9FGL02 Datasheet HTML 14Page - Integrated Device Technology 9FGL02 Datasheet HTML 15Page - Integrated Device Technology 9FGL02 Datasheet HTML 16Page - Integrated Device Technology 9FGL02 Datasheet HTML 17Page - Integrated Device Technology 9FGL02 Datasheet HTML 18Page - Integrated Device Technology 9FGL02 Datasheet HTML 19Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
OCTOBER 18, 2016
15
2-OUTPUT 3.3V PCIE CLOCK GENERATOR
9FGL02 DATASHEET
Recommended Crystal Characteristics (3225 package)
Marking Diagrams
Notes:
1. “LOT” is the lot sequence number.
2. “YYWW” is the last two digits of the year and week that the part was assembled.
3. Line 2: truncated part number
4. “I” denotes industrial temperature range device.
5. “P” denotes factory programmable defaults
Thermal Characteristics
PARAMETER
VALUE
UNITS
NOTES
Frequency
25
MHz
1
Resonance Mode
Fundamental
-
1
Frequency Tolerance @ 25°C
±20
PPM Max
1
Frequency Stability, ref @ 25°C Over
Operating Temperature Range
±20
PPM Max
1
Temperature Range (commerical)
0~70
°C
1
Temperature Range (industrial)
-40~85
°C
1
Equivalent Series Resistance (ESR)
50
Ω Max
1
Shunt Capacitance (CO)7
pF Max
1
Load Capacitance (CL)8
pF Max
1
Drive Level
0.3
mW Max
1
Aging per year
±5
PPM Max
1
Notes:
1. FOX 603-25-150.
LOT
241BI
YYWW
LOT
251BI
YYWW
LOT
1B000
YYWW
PARAMETER
SYMBOL
CONDITIONS
PKG
TYP
VALUE
UNITS NOTES
θJC
Junction to Case
62
°C/W
1
θJb
Junction to Base
5.4
°C/W
1
θJA0
Junction to Air, still air
50
°C/W
1
θJA1
Junction to Air, 1 m/s air flow
43
°C/W
1
θJA3
Junction to Air, 3 m/s air flow
39
°C/W
1
θJA5
Junction to Air, 5 m/s air flow
38
°C/W
1
1ePad soldered to board
Thermal Resistance
NLG24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com