Electronic Components Datasheet Search
  English  ▼

X  

PS9714 Datasheet(PDF) 3 Page - NEC

Part # PS9714
Description  NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9714 Datasheet(HTML) 3 Page - NEC

  PS9714 Datasheet HTML 1Page - NEC PS9714 Datasheet HTML 2Page - NEC PS9714 Datasheet HTML 3Page - NEC PS9714 Datasheet HTML 4Page - NEC PS9714 Datasheet HTML 5Page - NEC PS9714 Datasheet HTML 6Page - NEC PS9714 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PS9714
(Continued from first page.)
Notes:
1. Typical values at TA = 25°C.
2. Because VOL of 2 V or more may be output when LED current input and when output supply of VCC = 2.6 V or less, it is important to confirm
the characteristics (operation with the power supply on and off) during design, before using this device.
4. Test Circuit for Common Mode Transient Immunity:
3. Test Circuit for Propagation Delay Time:
Pulse Input
PW = 10 µs
Duty Cycle = 1/10)
Input (monitor)
47 Ω
Vcc = 5 V
RL = 350 Ω
IF = 7.5 mA
Output
Input
50 %
VOH
1.5 V
VOL
tPHL
tPLH
(
(
VO (monitor)
CL
0.1
µF
10 %
VO
(IF = 0 mA)
VO
(IF = 7.5 mA)
VOL
1 kV
90 %
0 V
VOH
2 V
tr
tf
0.8 V
Vcc = 5 V
RL
VO (monitor)
CL
0.1 µF
VCM
VCM
GL SW IF
*CL is approximately 15 pF which includes probe and stray wiring capacitance.
USAGE CAUTIONS
1. Protect against static electricity when handling this product.
2. Bypass capacitor greater than 0.1 µF is used between VCC and GND near device (lead distance: 10 mm MAX).
TYPICAL PERFORMANCE CURVES (TA = 25°C, unless otherwise specified)
40
30
20
10
020
40
6080
100
85
020
40
6080
100
85
50
40
30
20
10
0
MAXIMUM FORWARD CURRENT
vs. AMBIENT TEMPERATURE
DETECTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (°C)
Ambient Temperature, TA (°C)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com