Electronic Components Datasheet Search
  English  ▼

X  

PS9714 Datasheet(PDF) 6 Page - NEC

Part # PS9714
Description  NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9714 Datasheet(HTML) 6 Page - NEC

  PS9714 Datasheet HTML 1Page - NEC PS9714 Datasheet HTML 2Page - NEC PS9714 Datasheet HTML 3Page - NEC PS9714 Datasheet HTML 4Page - NEC PS9714 Datasheet HTML 5Page - NEC PS9714 Datasheet HTML 6Page - NEC PS9714 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PS9714
TAPING SPECIFICATIONS
Tape Outline and Dimensions
Tape Direction
Reel Outline and Dimensions
4.0
±0.1
2.0
±0.05
1.5
8
±0.1
1.55
±0.1
12
±0.2
5.5
±0.05
1.75
±0.1
2.9 MAX
0.3
7.4
±0.1
+0.1
-0
4.6
±0.1
2.4
±0.1
PS9714-F3
PS9714-F4
Packing: 3500 pcs/reel
2.0 ± 0.5
1.5 ± 0.5
12.4
+2.0
-0.0
φ21.0 ± 0.8
6.0 ± 1
12
0°
60°
1.5 ± 0.1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com