Electronic Components Datasheet Search
  English  ▼

X  

PS9714 Datasheet(PDF) 5 Page - NEC

Part # PS9714
Description  NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9714 Datasheet(HTML) 5 Page - NEC

  PS9714 Datasheet HTML 1Page - NEC PS9714 Datasheet HTML 2Page - NEC PS9714 Datasheet HTML 3Page - NEC PS9714 Datasheet HTML 4Page - NEC PS9714 Datasheet HTML 5Page - NEC PS9714 Datasheet HTML 6Page - NEC PS9714 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PS9714
TYPICAL PERFORMANCE CURVES (TA = 25°C, unless otherwise specified)
PROPAGATION DELAY TIME
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (°C)
tPHL: RL = 4.0 kΩ
tPHL: RL = 4.7 kΩ
tPLH: RL = 4.0 kΩ
tPLH: RL = 4.7 kΩ
IF = 7.5 mA
VCC = 5.0 V
120
100
80
60
40
20
0
-50
-25
0
25
50
75
100
IF = 7 mA
VCC = 5.0 V
4.0 kΩ
1.0 kΩ
RL = 4.7 kΩ
RL = 350 Ω
60
50
40
30
20
10
0
-50
-25
0
25
50
75
100
tPLH: RL = 4.0 kΩ
tPLH: RL = 1.0 kΩ
tPLH: RL = 350 Ω
tPHL: RL = 350 Ω, 1.0 kΩ,
4.0 kΩ
VCC = 5.0 V,
TA = 25°C
120
100
80
60
40
20
05
7
9
11
13
15
0
IF = 7.5 mA
VCC = 5.0 V
tr: RL = 4.0 kΩ, 4.7 kΩ
tr: RL = 1.0 kΩ
tr: RL = 350 Ω
tr: RL = 350 Ω, 1.0 kΩ,
4.0 kΩ, 4.7 kΩ
400
300
200
100
0
-50
-25
0
25
50
75
100
Ambient Temperature, TA (°C)
Ambient Temperature, TA (°C)
PULSE WIDTH DISTORTION
vs. AMBIENT TEMPERATURE
PROPAGATION DELAY TIME
vs. INPUT CURRENT
Input Current, IF (mA)
SWITCHING TIME vs.
AMBIENT TEMPERATURE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com