Electronic Components Datasheet Search
  English  ▼

X  

VSC870 Datasheet(PDF) 22 Page - Vitesse Semiconductor Corporation

Part # VSC870
Description  High Performance Serial Backplane Transceiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC870 Datasheet(HTML) 22 Page - Vitesse Semiconductor Corporation

Back Button VSC870 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC870 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC870 Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC870 Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC870 Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC870 Datasheet HTML 23Page - Vitesse Semiconductor Corporation VSC870 Datasheet HTML 24Page - Vitesse Semiconductor Corporation VSC870 Datasheet HTML 25Page - Vitesse Semiconductor Corporation VSC870 Datasheet HTML 26Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC870
High Performance Serial
Backplane Transceiver
Page 22
G52190-0, Rev 4.1
01/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Figure 5: Multicast Recast Functional Timing (Beginning of Multicast)
Figure 6: Multicast Recast Functional Timing (At the End of Packet then Recast)
2.3.7 Unicast Multi Queue Mode (MD[1:0] = 10)
Muti Queue mode assumes there are several unicast data queues on each port card such as virtual output queues
or priority queues, and allows the port card to make multiple connection requests at the same time. The switch chip
performs two levels of arbitration in two word clock cycles. The first level determines which of the requested outputs
are available and holds these outputs. The second level chooses one winner from the available outputs then releases
the rest. Because outputs can be blocked during the first level of arbitration, all Muti Queue CRQ commands are held
at the switch chip and continue to request outputs until one is granted. As in section 2.3.5, if an ACK is not received
before a header word is detected at the parallel interface, a repeated sequence of CRQs are sent to the switch chip
until an output is granted. This sequence depends on the value of CT[2:0]. The port number of the granted output
(P[3:0]) is returned to the port card following the ACK pulse on the ACK/RCLK output. The functional timing
diagram for this mode is shown in Figure 7.
WCLK
TXIN[31:0]
TXTYP[1:0]
REN
CRQ
D0
D1
D2
D3
3
RTM/TCLK
ACK/RCLK
Min 9 word clocks
HDR
21
RFM
6 word clocks
WCLK
TXIN[31:0]
TXTYP[1:0]
REN
CRQ-N
D1-0
D2-0
3
RTM/TCLK
ACK/RCLK
HDR-N
2
1
RFM
D0-N
D0-0
D3-0
D4-0
1
NOTE: CRQ-N, HDR-N, D0-N: CRQ, header and first data word of the next packet;
these bytes are ignored by the transceiver during recast.
D0-0, D1-0, D2-0...:
Data words of the recasted packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com