Electronic Components Datasheet Search
  English  ▼

X  

VSC870 Datasheet(PDF) 35 Page - Vitesse Semiconductor Corporation

Part # VSC870
Description  High Performance Serial Backplane Transceiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC870 Datasheet(HTML) 35 Page - Vitesse Semiconductor Corporation

Back Button VSC870 Datasheet HTML 31Page - Vitesse Semiconductor Corporation VSC870 Datasheet HTML 32Page - Vitesse Semiconductor Corporation VSC870 Datasheet HTML 33Page - Vitesse Semiconductor Corporation VSC870 Datasheet HTML 34Page - Vitesse Semiconductor Corporation VSC870 Datasheet HTML 35Page - Vitesse Semiconductor Corporation VSC870 Datasheet HTML 36Page - Vitesse Semiconductor Corporation VSC870 Datasheet HTML 37Page - Vitesse Semiconductor Corporation VSC870 Datasheet HTML 38Page - Vitesse Semiconductor Corporation VSC870 Datasheet HTML 39Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC870
High Performance Serial
Backplane Transceiver
G52190-0, Rev 4.1
Page 35
01/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
DC Characteristics
Table 5: LVDS and TTL Inputs and Outputs
Hot Swap
The LVDS input and output buffers are subject to hot swap events while being connected and disconnected from
the passive backplane. If the input is powered down but still receiving a signal from an output, the input must tolerate
extra input current and power. If the input is powered up but has no input connection, it will go to a valid logic state.
The table below lists the LVDS I/O parameters that relate to hot swap condition.
Table 6: Hot Swap LVDS I/O Parameters
Parameters
Description
Min
Typ
Max
Units
Conditions
VOH
Output HIGH voltage (TTL)
2.4
——
VIOH = -6.0 mA
VOL
Output LOW voltage (TTL)
——
0.4
V
IOL = +6.0 mA
VOCM
O/P Common Mode Range (LVDS)
1.2
—
2.1
V
At Min
∆V
OUT
∆V
OUT
Differential Output Voltage (LVDS)
400
—
1000
mV
100
Ω across input
VICM
I/P Common Mode Range (LVDS)
0.8
—
2.5
V
At Min
∆V
IN
∆V
IN
Differential Input Voltage (LVDS)
200
—
1600
mV
—
VIH
Input HIGH voltage (TTL)
2.0
—
VDD+1.0
V
—
VIL
Input LOW voltage (TTL)
0
—
0.8
V
—
IIH
Input HIGH current (TTL)
——
500
µAV
IN =2.4V
IIL
Input LOW current (TTL)
- 50
——
µAV
IN = 0.4V
Parameters
Description
Value
Units
Conditions
ICO
LVDS maximum current delivered per output pin
10
mA
Normal Operation
ICI
LVDS maximum current allowed per input pin
40
mA
VDD = 0V
PCI
LVDS maximum added power per output pin
60
mW
VDD = 0V
VCDL
LVDS input default logic state
LOW
—
Input Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com