Electronic Components Datasheet Search
  English  ▼

X  

AH201 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AH201
Description  Medium Power, High Linearity Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AH201 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AH201 Datasheet HTML 1Page - List of Unclassifed Manufacturers AH201 Datasheet HTML 2Page - List of Unclassifed Manufacturers AH201 Datasheet HTML 3Page - List of Unclassifed Manufacturers AH201 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
This document contains information on a new product.
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6620 • e-mail: sales@wj.com • Web site: www.wj.com
May 2002
The Communications Edge TM
Preliminary Product Information
AH201
Medium Power, High Linearity Amplifier
Typical Test Data
S-Parameters (VDS = +10V, IDS = 360 mA, T = 25
°°°°C, unmatched device in a 50 Ω
Ω
Ω
Ω system)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
200
-18.13
-141.77
17.77
156.16
-21.60
-12.80
-15.22
158.80
400
-14.01
-151.43
17.47
134.85
-22.01
-27.05
-15.91
138.77
600
-11.32
-161.69
17.03
113.80
-22.50
-40.65
-19.50
119.22
800
-9.60
-175.43
16.52
93.61
-23.08
-54.53
-28.09
86.76
1000
-8.38
170.85
15.98
74.11
-23.75
-66.32
-28.42
-67.31
1200
-7.72
156.06
15.50
55.43
-24.58
-80.56
-18.92
-96.94
1400
-7.51
140.70
15.09
37.11
-25.23
-94.35
-14.49
-115.52
1600
-7.69
123.37
14.78
18.41
-25.58
-107.34
-11.68
-131.45
1800
-8.42
102.05
14.63
-0.87
-26.55
-124.66
-9.76
-146.54
2000
-9.90
76.87
14.53
-21.84
-26.58
-144.30
-7.87
-160.86
2200
-12.60
27.48
14.50
-45.98
-26.08
-170.04
-7.03
-176.78
2400
-11.30
-52.35
14.07
-74.59
-25.82
158.59
-7.07
169.02
2600
-6.47
-110.35
12.82
-105.64
-25.42
125.63
-7.82
159.81
2800
-3.46
-149.16
10.54
-135.77
-25.19
97.73
-8.39
158.80
3000
-2.00
-178.37
7.60
-161.74
-25.67
70.96
-7.81
158.95
S-Parameters (VDS = +11V, IDS = 360 mA, T = 25
°°°°C, unmatched device in a 50 Ω
Ω
Ω
Ω system)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
200
-18.23
-140.99
17.78
156.01
-21.55
-12.99
-15.65
157.55
400
-13.98
-150.55
17.45
134.66
-21.89
-26.89
-16.32
136.16
600
-11.28
-161.20
17.01
113.54
-22.42
-40.61
-20.06
113.27
800
-9.55
-174.85
16.51
93.30
-22.97
-54.78
-28.14
66.80
1000
-8.37
170.96
15.97
73.75
-23.63
-68.09
-25.96
-57.60
1200
-7.72
156.06
15.48
54.97
-24.49
-80.75
-18.30
-91.67
1400
-7.52
140.70
15.06
36.62
-25.19
-92.07
-14.20
-111.26
1600
-7.63
123.63
14.76
17.90
-25.65
-110.24
-11.62
-128.20
1800
-8.33
101.89
14.61
-1.59
-26.17
-126.52
-9.75
-144.01
2000
-9.90
76.65
14.52
-22.62
-26.54
-146.07
-7.92
-158.95
2200
-12.60
27.68
14.47
-46.91
-26.12
-171.34
-7.13
-174.81
2400
-11.31
-52.94
14.03
-75.60
-25.97
158.68
-7.18
170.91
2600
-6.49
-110.68
12.76
-106.82
-25.45
124.53
-7.89
162.45
2800
-3.44
-149.63
10.46
-136.86
-25.52
96.19
-8.36
161.68
3000
-2.05
-178.91
7.50
-162.88
-25.80
71.90
-7.77
161.32
S-Parameters (VDS = +12V, IDS = 360 mA, T = 25
°°°°C, unmatched device in a 50 Ω
Ω
Ω
Ω system)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
200
-18.35
-139.11
17.75
155.83
-21.46
-12.62
-16.01
156.27
400
-13.96
-149.61
17.42
134.38
-21.90
-27.52
-16.71
134.14
600
-11.27
-160.54
16.97
113.21
-22.28
-41.26
-20.68
108.17
800
-9.51
-174.44
16.46
92.97
-22.95
-54.74
-27.61
52.71
1000
-8.29
171.17
15.92
73.44
-23.62
-66.33
-24.66
-52.59
1200
-7.65
156.23
15.44
54.51
-24.34
-80.72
-17.92
-86.86
1400
-7.46
140.57
15.02
36.13
-25.26
-95.25
-14.07
-108.70
1600
-7.60
123.49
14.70
17.27
-25.70
-109.40
-11.57
-126.27
1800
-8.36
102.04
14.55
-2.24
-26.19
-126.14
-9.74
-142.18
2000
-9.83
76.66
14.45
-23.38
-26.34
-147.66
-7.94
-157.44
2200
-12.66
26.81
14.41
-47.75
-26.11
-171.50
-7.19
-173.18
2400
-11.27
-53.63
13.95
-76.69
-25.80
158.48
-7.30
172.65
2600
-6.43
-111.31
12.64
-107.97
-25.53
126.43
-8.02
164.30
2800
-3.48
-150.13
10.33
-138.03
-25.41
96.00
-8.31
164.25
3000
-2.07
-179.12
7.37
-163.88
-25.85
70.82
-7.60
163.02



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com