Electronic Components Datasheet Search
  English  ▼

X  

AH201 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AH201
Description  Medium Power, High Linearity Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AH201 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AH201 Datasheet HTML 1Page - List of Unclassifed Manufacturers AH201 Datasheet HTML 2Page - List of Unclassifed Manufacturers AH201 Datasheet HTML 3Page - List of Unclassifed Manufacturers AH201 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
This document contains information on a new product.
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6620 • e-mail: sales@wj.com • Web site: www.wj.com
May 2002
The Communications Edge TM
Preliminary Product Information
AH201
Medium Power, High Linearity Amplifier
Application Circuit: 900 MHz and 1900 MHz
Typical Specifications
Frequency
MHz
900
1900
2200
S21 - Gain
dB
17
15
14
S11 - Input R.L.
dB
-13
-9.5
-9.3
S22 - Output R.L.
dB
-15
-9.5
-9.0
Noise Figure
dB
3.8
4.3
4.4
Output P1dB
dBm
+30.0
+29.5
+29.3
Output IP3
dBm
+47
+47
+47
IS-95 Channel Power
@ -45dBc ACPR
dBm
+24
+23.6
+23.5
C1
C2
L1
AH201
L1
C3
C4
C5
C6
GND
Vs
RF In
RF Out
Board Material:
14 mil GETEK (
εr = 4.1)
Line Width:
28 mil
Line Spacing:
36 mil
Notes:
• Via holes are omitted for clarity.
• The microstrip line is weakly co-planer. Ground planes
around it are not necessary for operation of the AH201.
• Adequate heat sinking is required for the device.
Further mounting instructions will be shown in the
“Mounting Configuration” section of this datasheet on
the next revision for the datasheet.
• The pin configuration must be soldered accordingly
(shown on the “Functional Diagram”).
• The 900 MHz application circuit board is labeled as
AH201-PCB-900.
• The 1900 MHz and 2200 MHz application circuit board
is labeled as AH201-PCB-1900.
AH201
PIN 2
PIN 9
L1
C1
56 pF
INPUT MATCH
RF OUT
L2
22 nH
VS = +11 V
ID = 330 mA C4
56 pF
DC BIAS
C3
56 pF
CIRCUIT SCHEMATIC
C2
C5
0805
1000 pF
C6
1206
.018
µF
RF IN
900 MHz
1900 MHz
2200 MHz
L1 = 3.3 nH
L1 = 0
Ω
L1 = 0
Ω
C2 = 2.2 pF
C2 = no load
C2 = no load
AH201-PCB-900
AH201-PCB-1900
AH201-PCB-1900



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com