Electronic Components Datasheet Search
  English  ▼

X  

AH201 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AH201
Description  Medium Power, High Linearity Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AH201 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AH201 Datasheet HTML 1Page - List of Unclassifed Manufacturers AH201 Datasheet HTML 2Page - List of Unclassifed Manufacturers AH201 Datasheet HTML 3Page - List of Unclassifed Manufacturers AH201 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document contains information on a new product.
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6620 • e-mail: sales@wj.com • Web site: www.wj.com
May 2002
The Communications Edge TM
Preliminary Product Information
AH201
Medium Power, High Linearity Amplifier
z
Product Features
• 400 – 2200 MHz
• +30 dBm P1dB
• +47 dBm Output IP3
• 17 dB Gain @ 900 MHz
• MTBF >100 Years
• Single Positive Supply (9-12V)
• Internally Matched
• 24dBm IS-95 Channel Power
@ -45dBc ACPR
Product Description
The AH201 is a 1W driver amplifier that offers
excellent dynamic range in a low cost, 6x6mm
surface mount package. This device can be biased as
low as +9V for lower power applications and as high
as +12V for improved P1dB and OIP3 performance.
The backside metalization allows excellent thermal
dissipation while allowing visible evidence of solder
reflow throughout the bottom of the package on a
SMT board.
Superior thermal design allows the
product an MTBF of over 100 years at a mounting
temperature of +85ºC. All devices are 100% RF &
DC tested.
The product is targeted for use as driver amplifiers for
wireless infrastructure where high linearity and
medium power is required.
Functional Diagram
1
6
5
10
Top View
Function
Pin No.
Input
2
Output/Bias
9
Ground
1, 2, 3, 5
Ground
6, 7, 8, 10
Not Connected
4
Specifications
Parameters
Units
Min
Typ.
Max
Frequency Range
MHz
400-2200
S21 - Gain
dB
15
S11 - Input Return Loss
dB
-9.5
S22 - Output Return Loss
dB
-10
Noise Figure
dB
4
Output P1dB
dBm
+30
Output IP3
dBm
+47
Operating Current Range
mA
310
330
370
Supply Voltage
V
11
Thermal Resistance
Rth
14
Test conditions unless otherwise noted.
1. T = 25ºC, Vdd = 11V, Frequency = 800 MHz, 50 Ohm system.
2. 3OIP measured with two tones at an output power of 10 dBm/tone separated by 10 MHz.
The suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
Typical Specifications
Parameters
Units
Typical
Frequency
MHz
900
1900
2200
S21 - Gain
dB
17
15
14
S11 - Input R.L.
dB
-13
-9.5
-9.3
S22 - Output R.L.
dB
-15
-9.5
-9.0
Noise Figure
dB
3.8
4.3
4.4
Output P1dB
dBm
+30.0
+29.5
+29.3
Output IP3
dBm
+47
+47
+47
IS-95 Channel Power
@ -45dBc ACPR
dBm
+24
+23.6
+23.5
Typical parameters reflect performance in an application circuit.
1. T = 25ºC, Vdd = 11V
2. 3OIP measured with two tones at an output power of 10 dBm/tone separated by 10 MHz.
The suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
Recommended Maximum Rating
Ordering Information
Parameters
Rating
Part No.
Description
Operating Case Temperature
-40 to +85
°C
AH201
Med. Power High Linearity Amp.
Storage Temperature
-40 to +125
°C
(Available in Tape & Reel)
DC Voltage
+15 V
AH201-PCB-900
400-1000 MHz Evaluation Board
RF Input Power (continuous)
+20 dBm
AH201-PCB-1900
1600-2200 MHz Evaluation Board
Junction Temperature
+155
° C
Actual Size


Similar Part No. - AH201

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AH20 XPPOWER-AH20 Datasheet
1Mb / 10P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Rohm
AH2001-DK50A ROHM-AH2001-DK50A Datasheet
556Kb / 6P
For Packaging High-speed Printers AH Series
AH2002-DC50A ROHM-AH2002-DC50A Datasheet
561Kb / 6P
For Packaging High-speed Printers A H Series
AH2004-DC50A ROHM-AH2004-DC50A Datasheet
562Kb / 6P
For Packaging High-speed Printers AH Series
logo
WJ Communication. Inc.
AH202 WJCI-AH202 Datasheet
422Kb / 9P
1W High Linearity Amplifier
More results

Similar Description - AH201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH102 ETC-AH102 Datasheet
278Kb / 6P
Medium Power, High Linearity Amplifier
AH101 ETC-AH101 Datasheet
214Kb / 6P
Medium Power, High Linearity Amplifier
AH102A ETC-AH102A Datasheet
235Kb / 6P
Medium Power, High Linearity Amplifier
logo
Filtronic Compound Semi...
FMA3018QFN FILTRONIC-FMA3018QFN Datasheet
141Kb / 4P
MEDIUM LINEARITY INTEGRATED BALANCED AMPLIFIER MODULE
logo
WJ Communication. Inc.
AH101 WJCI-AH101 Datasheet
372Kb / 5P
Medium Power, High Linearity Amplifier
AH102A WJCI-AH102A Datasheet
243Kb / 5P
Medium Power, High Linearity Amplifier
logo
TriQuint Semiconductor
AH101-G TRIQUINT-AH101-G_15 Datasheet
566Kb / 7P
Medium Power, High Linearity Amplifier
AH102A-G TRIQUINT-AH102A-G_15 Datasheet
203Kb / 5P
Medium Power, High Linearity Amplifier
logo
Infineon Technologies A...
BFQ790 INFINEON-BFQ790_17 Datasheet
491Kb / 23P
High Linearity RF Medium Power Amplifier
Revision 2.0 2017-02-16
logo
NXP Semiconductors
MMG15241H NXP-MMG15241H Datasheet
666Kb / 18P
High Linearity Amplifier
Rev. 2, 9/2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com