Electronic Components Datasheet Search
  English  ▼

X  

TPS65011 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65011
Description  POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65011 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TPS65011 Datasheet HTML 42Page - Texas Instruments TPS65011 Datasheet HTML 43Page - Texas Instruments TPS65011 Datasheet HTML 44Page - Texas Instruments TPS65011 Datasheet HTML 45Page - Texas Instruments TPS65011 Datasheet HTML 46Page - Texas Instruments TPS65011 Datasheet HTML 47Page - Texas Instruments TPS65011 Datasheet HTML 48Page - Texas Instruments TPS65011 Datasheet HTML 49Page - Texas Instruments TPS65011 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
www.ti.com
VDCDC2 Register (Address: 0Dh—Default Value: 60h/70h)
TPS65011
SLVS501 – FEBRUARY 2004
Bit 6-Bit 5 - UVLO<1:0>: The undervoltage threshold voltage is set by UVLO1 and UVLO0 according to the
below table, with the default value in bold.
UVLO1
UVLO0
VUVLO
0
0
2.5 V
0
1
2.75 V
1
0
3.0 V
1
1
3.25 V
Bit 4 - ENABLE SUPPLY (selects between LOW POWER mode and WAIT mode):
•
0 = WAIT mode allowed, activated when LOW_PWR pin = 1 and VDCDC1 < 3 >= 1.
•
1 = The TPS65011 enters LOW POWER mode when LOW_PWR pin = 1 and VDCDC1 < 3 >= 1.
Bit 3 - ENABLE LP:
•
0 = disables the low power function of the LOW_PWR pin.
•
1 = enables the low power function of the LOW_PWR pin.
Bit 2 - MAIN DISCHARGE:
•
0 = disable the active discharge of the VMAIN converter output.
•
1 = enable the active discharge of the VMAIN converter output, when the converter is disabled (i.e., in WAIT
mode).
Bit 1-Bit 0 - MAIN<1:0>: The VMAIN converter output voltages are set according to the following table, with the
default values in bold set by the DEFMAIN pin. The default voltage can subsequently be over-written via the
serial interface after start-up.
MAIN1
MAIN0
VMAIN
0
0
2.5 V
0
1
2.75 V
1
0
3.0 V
1
1
3.3 V
VDCDC2
B7
B6
B5
B4
B3
B2
B1
B0
CORE
Bit name
LP_COREOFF
CORE2
CORE1
CORE0
CORELP1
CORELP0
VIB
DISCHARGE
Default
0
1
1
DEFCORE
1
0
0
0
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The VDCDC2 register is used to program the VCORE switching converter output voltage. It is programmable in 8
steps between 0.85 V and 1.8 V. The default value is governed by the DEFCORE pin; DEFCORE=0 sets an
output voltage of 1.5 V. DEFCORE=1 sets an output voltage of 1.8 V.
Bit 7 - LP_COREOFF:
•
0 = VCORE converter is enabled in low power mode.
•
1 = VCORE converter is disabled in low power mode.
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com