Electronic Components Datasheet Search
  English  ▼

X  

TPS65011 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65011
Description  POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65011 Datasheet(HTML) 2 Page - Texas Instruments

  TPS65011 Datasheet HTML 1Page - Texas Instruments TPS65011 Datasheet HTML 2Page - Texas Instruments TPS65011 Datasheet HTML 3Page - Texas Instruments TPS65011 Datasheet HTML 4Page - Texas Instruments TPS65011 Datasheet HTML 5Page - Texas Instruments TPS65011 Datasheet HTML 6Page - Texas Instruments TPS65011 Datasheet HTML 7Page - Texas Instruments TPS65011 Datasheet HTML 8Page - Texas Instruments TPS65011 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
PACKAGE DISSIPATION RATINGS
(1)
TPS65011
SLVS501 – FEBRUARY 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
The serial interface can be used for dynamic voltage scaling, for collecting information on and controlling the
battery charger status, for optionally controlling 2 LED driver outputs, a vibrator driver, masking interrupts, or for
disabling/enabling and setting the LDO output voltages. The interface is compatible with the fast/standard mode
I2C™ specification allowing transfers at up to 400 kHz.
ORDERING INFORMATION
TA
PACKAGE
PART NUMBER(1)
-40
°C to 85°C
7 mm
× 7 mm, 48-pin QFN
TPS65011RGZ
(1)
The RGZ package is available in tape and reel. Add R suffix (TPS65011RGZR) to order quantities of
2500 parts per reel.
over operating free-air temperature range unless otherwise noted(1)
UNIT
Input voltage on VAC pin with respect to AGND
20 V
Input voltage range on all other pins except AGND/PGND pins with respect to AGND
-0.3 V to 7 V
HBM and CDM capabilities at pins VIB, PG, and LED2
1 kV
Current at AC, VBAT, VINMAIN, L1, PGND1
1800 mA
Peak current at all other pins
1000 mA
Continuous power dissipation
See Dissipation Rating Table
Operating free-air temperature, TA
-40
°C to 85°C
Maximum junction temperature, TJ
125
°C
Storage temperature, Tstg
-65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
AMBIENT
MAX POWER DISSIPATION
DERATING FACTOR
TEMPERATURE
FOR Tj= 125°C
(2)
ABOVE TA= 55°C
25
°C
3 W
30 mW/
°C
55
°C
2.1 W
(1)
The TPS65011 is housed in a 48-pin QFN package with exposed leadframe on the underside. This
7 mm
× 7 mm package exhibits a thermal impedance (junction-to-ambient) of 33 K/W when mounted
on a JEDEC high-k board.
(2)
Consideration needs to be given to the maximum charge current when the assembled application
board exhibits a thermal impedance which differs significantly from the JEDEC high-k board.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com