Electronic Components Datasheet Search
  English  ▼

X  

TSB81BA3 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TSB81BA3
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB81BA3 Datasheet(HTML) 1 Page - Texas Instruments

  TSB81BA3 Datasheet HTML 1Page - Texas Instruments TSB81BA3 Datasheet HTML 2Page - Texas Instruments TSB81BA3 Datasheet HTML 3Page - Texas Instruments TSB81BA3 Datasheet HTML 4Page - Texas Instruments TSB81BA3 Datasheet HTML 5Page - Texas Instruments TSB81BA3 Datasheet HTML 6Page - Texas Instruments TSB81BA3 Datasheet HTML 7Page - Texas Instruments TSB81BA3 Datasheet HTML 8Page - Texas Instruments TSB81BA3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
TSB81BA3, TSB81BA3I
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS559B − DECEMBER 2002 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Fully Supports Provisions of IEEE P1394b
Revision 1.33+ at 1-Gigabit Signaling Rates
D Fully Supports Provisions of IEEE
1394a−2000 and 1394−1995 Standard for
High Performance Serial Bus
D Fully Interoperable With Firewire, i.LINK,
and SB1394
, Implementation of IEEE Std
1394
D Provides Three Fully Backward
Compatible, (1394a−2000 Fully Compliant)
Bilingual P1394b Cable Ports at up to
800 Megabits per Second (Mbits/s)
D Provides Three 1394a−2000 Fully
Compliant Cable Ports at 100/200/400
Mbits/s
D Full 1394a−2000 Support Includes:
− Connection Debounce
− Arbitrated Short Reset
− Multispeed Concatenation
− Arbitration Acceleration
− Fly-By Concatenation
− Port Disable/Suspend/Resume
− Extended Resume Signaling for
Compatibility With Legacy DV Devices
D Power-Down Features to Conserve Energy
in Battery Powered Applications
D Low-Power Sleep Mode
D Fully Compliant With Open Host Controller
Interface (HCI) Requirements
D Cable Power Presence Monitoring
D Cable Ports Monitor Line Conditions for
Active Connection to Remote Node
D Register Bits Give Software Control of
Contender Bit, Power Class Bits, Link
Active Control Bit, and 1394a−2000
Features
D Data Interface to Link-Layer Controller Pin
Selectable From 1394a−2000 Mode (2/4/8
Parallel Bits at 49.152 MHz) or 1394b Mode
(8 Parallel Bits at 98.304 MHz)
D Interface to Link-Layer Controller Supports
Low Cost TI Bus-Holder Isolation
D Interoperable With Link-Layer Controllers
Using 3.3-V Supplies
D Interoperable With Other 1394 Physical
Layers (PHYs) Using 1.8-V, 3.3-V, and 5-V
Supplies
D Low Jitter, External Crystal Oscillator
Provides Transmit and Receive Data at
100/200/400/800 Mbits/s, and Link-Layer
Controller Clock at 49.152 MHz and
98.304 MHz
D Separate Bias (TPBIAS) for Each Port
D Low Cost, High Performance 80-Pin TQFP
(PFP) Thermally Enhanced Package
D Software Device Reset (SWR)
D Fail-Safe Circuitry Senses Sudden Loss of
Power to the Device and Disables the Ports
to Ensure That the TSB81BA3 Does Not
Load the TPBIAS of Any Connected Device
and Blocks any Leakage From the Port
Back to Power Plane
D The TSB81BA3 Has a 1394a−2000
Compliant Common-Mode Noise Filter on
the Incoming Bias Detect Circuit to Filter
Out Cross-Talk Noise
D The TSB81BA3 Is Port Programmable to
Force 1394a Mode to Allow Use of 1394a
Connectors (1394b Signalling Must Not Be
Put Across 1394a Connectors or Cables)
Copyright
 2002 − 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Implements technology covered by one or more patents of Apple Computer, Incorporated and SGS Thompson, Limited.
i.LINK is a trademark of Sony Corporation.
FireWire is a trademark of Apple Computer Incorporated.


Similar Part No. - TSB81BA3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB81BA3-EP TI-TSB81BA3-EP Datasheet
764Kb / 56P
IEEE 1394B THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3-EP TI1-TSB81BA3-EP Datasheet
711Kb / 58P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER 
TSB81BA3-EP TI1-TSB81BA3-EP_14 Datasheet
711Kb / 58P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER 
TSB81BA3D TI-TSB81BA3D Datasheet
846Kb / 59P
IEEE 139b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3D TI1-TSB81BA3D Datasheet
637Kb / 61P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results

Similar Description - TSB81BA3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB81BA3-EP TI-TSB81BA3-EP Datasheet
764Kb / 56P
IEEE 1394B THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B TI-TSB41BA3B Datasheet
1Mb / 67P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI-TSB41BA3D Datasheet
875Kb / 59P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP Datasheet
799Kb / 68P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B-EP TI1-TSB41BA3B-EP Datasheet
1,023Kb / 67P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER  
TSB81BA3D TI1-TSB81BA3D_12 Datasheet
682Kb / 61P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3IPFPEP TI1-TSB81BA3IPFPEP Datasheet
711Kb / 57P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI1-TSB41BA3D_14 Datasheet
754Kb / 60P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP_14 Datasheet
768Kb / 69P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A TI1-TSB41BA3A_16 Datasheet
222Kb / 11P
IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com