Electronic Components Datasheet Search
  English  ▼

X  

TSB81BA3 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TSB81BA3
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB81BA3 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TSB81BA3 Datasheet HTML 6Page - Texas Instruments TSB81BA3 Datasheet HTML 7Page - Texas Instruments TSB81BA3 Datasheet HTML 8Page - Texas Instruments TSB81BA3 Datasheet HTML 9Page - Texas Instruments TSB81BA3 Datasheet HTML 10Page - Texas Instruments TSB81BA3 Datasheet HTML 11Page - Texas Instruments TSB81BA3 Datasheet HTML 12Page - Texas Instruments TSB81BA3 Datasheet HTML 13Page - Texas Instruments TSB81BA3 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
TSB81BA3, TSB81BA3I
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS559B − DECEMBER 2002 − REVISED OCTOBER 2003
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
TYPE
NO.
I/O
DESCRIPTION
TPA2−
TPA2+
TPB2−
TPB2+
Cable
58
59
55
56
I/O
Port 2 twisted-pair differential-signal terminals. Board traces from each pair of positive and negative
differential signal terminals must be kept matched and as short as possible to the external load
resistors and to the cable connector. Please request the S800 1394b layout recommendations
document from your TI representative.
TPBIAS0
TPBIAS1
TPBIAS2
Cable
47
54
60
I/O
Twisted-pair bias output. This provides the 1.86-V nominal bias voltage needed for proper operation of
the twisted-pair cable drivers and receivers, and for signaling to the remote nodes that there is an active
cable connection in 1394a−2000 mode. Each of these terminals, except for an unused port, must be
decoupled with a 1.0-
µF capacitor to ground. For the unused port, this terminal can be left
unconnected. Please request the S800 1394b layout recommendations document from your TI
representative.
XI
Osc In
27
−
Oscillator input. This terminal connects to a 98.304-MHz low jitter external oscillator. The XI terminal is
a 1.8-V CMOS input.
Oscillator jitter must be 5 ps RMS or better.
If only 3.3-V oscillators can be acquired, then great care must be taken to not introduce significant jitter
by the means used to level shift from 3.3 V to 1.8 V. If a resistor divider is used, then a high current
oscillator and low-value resistors must be used to minimize RC time constants. If a level-shifting circuit
is used, then it must introduce very little jitter. Please see layout recommendations document.
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage range, VDD (see Note 1)
−0.3 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to VDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range at any output, VO
−0.5 V to VDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free air temperature, TA: TSB81BA3
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TSB81BA3I
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values, except differential I/O bus voltages, are with respect to network ground.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR‡
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
PFP§
5.05 W
52.5 mW/
°C
2.69 W
1.9 W
PFP¶
3.05 W
31.7 mW/
°C
1.62 W
1.15 W
PFP#
2.01 W
20.3 mW/
°C
1.1 W
792 mW
‡ This is the inverse of the traditional junction-to-ambient thermal resistance (RθJA).
§ 2 oz. trace and copper pad with solder.
¶ 2 oz. trace and copper pad without solder.
# For more information, refer to TI application note PowerPAD  Thermally Enhanced Package, (SLMA002).
PowerPAD is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com