Electronic Components Datasheet Search
  English  ▼

X  

US79 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # US79
Description  CMOS Power Hall IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

US79 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  US79 Datasheet HTML 1Page - List of Unclassifed Manufacturers US79 Datasheet HTML 2Page - List of Unclassifed Manufacturers US79 Datasheet HTML 3Page - List of Unclassifed Manufacturers US79 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MLX902xx Name of Sensor
Rev Y.X
22/Aug/98
Page 3
US79 Series
CMOS Power Hall IC
US79 CMOS Power Hall IC
Rev 3.0
23/Jan/01
Page 3
Melexis Inc. reserves the right to make changes without further
notice to any products herein to improve reliability, function or
design. Melexis does not assume any liability arising from the use
of any product or application of any product or circuit described
herein.
US79KA Applications Schematic
US79
Motor
Coil
Motor
Coil
Output 1
Output 2
5V,12V
Supply
US79KA Applications
Schematic for Currents
Greater Than 500mA
US79
VDD
500
Ω
500
Ω
P-Channel FET
P-Channel FET
+12V, +24V
All Dimensions in millimeters
2.13
1.87
0.45
0.41
Marked
Surface
1.53
1.27
US79 Hall Plate / Chip Location
* MARKING:
Line 1:
1st digit (U)
= Supplier (Melexis)
2nd and 3rd digits (79)
= Series (79xx)
Line 2:
1st digit (9)
= Year (1999)
2nd and 3rd digits(05)
= Week of Year
PINOUT:
Pin 1
Output 1
Pin 2
GND
Pin 3
Output 2
U79
905
1
2
3
*
Absolute Maximum Ratings
Supply Voltage (Over Voltage), VDD
18V
Output Current (Fault), IOUT
500mA
Operating Temperature Range, TA
-40 to 125°C
Storage Temperature Range, TS
-55 to 165°C
Maximun Junction Temp, TJ
150°C
ESD Sensitivity
+/- 7KV



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com