Electronic Components Datasheet Search
  English  ▼

X  

US79 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # US79
Description  CMOS Power Hall IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

US79 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  US79 Datasheet HTML 1Page - List of Unclassifed Manufacturers US79 Datasheet HTML 2Page - List of Unclassifed Manufacturers US79 Datasheet HTML 3Page - List of Unclassifed Manufacturers US79 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
US79 Series
CMOS Power Hall IC
US79 CMOS Power Hall IC
Rev 3.0
23/Jan/01
Page 4
For the latest version of this document,
Go to our website at:
www.melexis.com
Or for additional information, contact Melexis directly:
USA
Melexis Inc.
41 Locke Road, Concord, NH 03301
Phone: +1 603 223 2362
Fax: +1 603 223 9614
E-mail: sales_usa@melexis.com
United Kingdom
Silicon Concepts
PCB Lynchborough Road, Hampshire GU30 7SB, United Kingdom
Phone: +44 1428 751 617
Fax: +44 1428 751 603
E-mail: sales_uk@melexis.com
Germany
Am Seestern 8, 40547 Düsseldorf, Germany
Phone: +49 211 5360212
Fax: +49 211 5360250
E-mail: sales_de@melexis.com
France
Melexis France
Tour Arago, 5 rue Bellini, 92806 Puteaux-La-Défense, France.
Phone: +33 1 47 78 11 34
Fax: +33 1 47 78 06 35
E-mail: sales_france@melexis.com
Italy
Dimacred IRL
Via Papa Giovanni X XIII no. 25, 20046 Biassono, Italy
Phone: +39 039 249 4856
Fax: +39 039 491773
E-mail: sales_italy@melexis.com
Japan
Satori Electric Co., LTD
1-14-10 Shiba, Minato-Ku, Tokyo, Japan
Phone: +81 3 3452 7171
Fax: +81 3 3769 2197
E-mail: sales_japan@melexis.com
Taiwan
Beechwood Int’l Taiwan Co.
Room 8, 17F, No. 189, Taipei, Taiwan
Phone: +886 2 2739 3322
Fax: +886 2 2739 3090
E-mail: sales_taiwan@melexis.com
UA Package Dimensions
U79
905
1
2
3
*
1.60
1.40
45
o
Typical
4.30
3.90
2.64
2.34
0.84
0.63
3.20
2.80
1.75
1.55
0.48
0.43
0.20
0.00
0.41
0.35
1.30
1.24
2.57
2.51
5o
Typical
45
o
Typical
0.38
Typical
(see note 3)
11.0
10.0
0.41
0.35
NOTES:
1.) Controlling dimension: mm
2.) Leads must be free of flash and
plating voids
3.) Leads must not arc toward
the rear of package
4.) Lead frame material:
EFTEC 64T
5.) Molding compound:
Sumitomo EME 6300H
6.) Package dimensions exclude
molding flash
7.) Tolerance is 0.254mm unless
otherwise specified
Notes:
1. Measurements in millimeters.
2. Body dimensions do not include mold flash,
protrusions, or burrs - not to exceed 0.15mm .
3. Lead frame material: copper 194.
4. Tolerances: +/- 0.25 mm unless otherwise
indicated.
5. Pin Connections:
1
2
3
4
5 to 8
n/c
Out1
VSS
Out2
n/c
4.80
4.95
0.33
0.51
1.27
3.81
3.99
0.38
1.27
0o to 8o
5.79
6.20
1.47
1.73
0.010 min.
1
2
4
3
7
8
6
5
US79SO
0012
8-Pin Narrow SOIC
Package Dimensions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com