Electronic Components Datasheet Search
  English  ▼

X  

US79 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # US79
Description  CMOS Power Hall IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

US79 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  US79 Datasheet HTML 1Page - List of Unclassifed Manufacturers US79 Datasheet HTML 2Page - List of Unclassifed Manufacturers US79 Datasheet HTML 3Page - List of Unclassifed Manufacturers US79 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MLX902xx Name of Sensor
Rev Y.X
22/Aug/98
Page 1
US79 Series
CMOS Power Hall IC
US79 CMOS Power Hall IC
Rev 3.0
23/Jan/01
Page 1
Features and Benefits
ESD Tolerance IC>7,000V
ESD Tolerance of Fan >15,000V
Built-in Reverse Voltage Protection
Built-in RFI Filter
Power Efficient CMOS and Power MOSFET Drivers allow 400mA without overheating
Built-in Zener Diodes Protect Outputs
Eliminates all Fan Components
Eliminate PC Board
5V and 12V Operation
High Sensitivity for switching symmetry
Locked Rotor Shutdown
Applications
Fan Sizes up to 90mm
Current Range up to 400mA
Ordering Information
Part No.
Temperature Suffix
Package
Temperature Range
US79
K
UA
-40
oC to 125oC
US79
K
8-Pin Narrow SOIC
-40
oC to 125oC
Description
The US79KUA is the most advanced Smart Fan
Control Hall IC. It is designed for 5V and 12V cooling
commutation. The chip contains many features to
allow survival in a harsh environment. The IC was
designed to eliminate all discrete components such
as capacitors, resistors, transistors, diodes, PC
board and associated labor, replacing US$0.25 to
US$0.35 in direct cost.
The K rating guarantees proper operation up to an
ambient temperature of 125°C. Hall IC circuitry and
power FET output provide a low power dissipation
cool chip.
Locked Rotor conditions are detected by the IC when
there is no motion for one second and will shut off
the motor drive for five seconds. Then, the IC will
turn on the drive current for one second. This
sequence continues indefinitely until the locked rotor
condition is fixed. This feature prevents overheating.
Maximum ambient temperature is determined by
driver power dissipation. For instance, at 125C
ambient, driver power cannot exceed 125mW or
250mA. Future versions will offer optional features.
Functional Diagram
Voltage
Regulator
1
2
3
Hall Latch
Output 1
Output 2
Control and
Protection
GND
-
+


Similar Part No. - US79

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US79 MELEXIS-US79 Datasheet
146Kb / 9P
CMOS Power Hall IC
US79KUA MELEXIS-US79KUA Datasheet
146Kb / 9P
CMOS Power Hall IC
US79 MELEXIS-US79_14 Datasheet
346Kb / 9P
CMOS Power Hall IC
More results

Similar Description - US79

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US79 MELEXIS-US79 Datasheet
146Kb / 9P
CMOS Power Hall IC
logo
Seiko Instruments Inc
S-5711A SII-S-5711A Datasheet
334Kb / 26P
HALL IC
logo
Melexis Microelectronic...
US79 MELEXIS-US79_14 Datasheet
346Kb / 9P
CMOS Power Hall IC
logo
Torex Semiconductor
XC3202B-12 TOREX-XC3202B-12 Datasheet
202Kb / 9P
Low Power Consumption Hall IC
XC3202B TOREX-XC3202B_15 Datasheet
202Kb / 9P
Low Power Consumption Hall IC
logo
Shaoxing Devechip Micro...
SDC177 SDC-SDC177 Datasheet
315Kb / 8P
Switch Hall IC
SDC277 SDC-SDC277 Datasheet
252Kb / 8P
Switch Hall IC
SDC686 SDC-SDC686 Datasheet
273Kb / 8P
Switch Hall IC
logo
Shenzhen Huazhimei Semi...
HM4916 HMSEMI-HM4916 Datasheet
599Kb / 5P
MicroPower , Ultra-Sensitive CMOS Hall IC
logo
AiT Semiconductor Inc.
AH8115 AITSEMI-AH8115 Datasheet
535Kb / 7P
HALL SWITCH LOW POWER, HIGH SENSITIVITY, CMOS HALL SWITCH
REV1.2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com