Electronic Components Datasheet Search
  English  ▼

X  

23C2000 Datasheet(PDF) 2 Page - Macronix International

Part # 23C2000
Description  2M-BIT MASK ROM (8 BIT OUTPUT)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

23C2000 Datasheet(HTML) 2 Page - Macronix International

  23C2000 Datasheet HTML 1Page - Macronix International 23C2000 Datasheet HTML 2Page - Macronix International 23C2000 Datasheet HTML 3Page - Macronix International 23C2000 Datasheet HTML 4Page - Macronix International 23C2000 Datasheet HTML 5Page - Macronix International 23C2000 Datasheet HTML 6Page - Macronix International 23C2000 Datasheet HTML 7Page - Macronix International 23C2000 Datasheet HTML 8Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
P/N:PM0228
REV. 3.9, JAN. 29, 1999
MX23C2000
ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Ratings
Power Supply Voltage
VCC
-0.5V to 7.0V
Input Voltage
VI
-0.5V to VCC + 0.5V
Output Voltage
VO
-0.5V to VCC + 0.5V
Ambient Operating Temperature
Topr
-10°C to 70°C
Storage Temperature
Tstg
-65°C to 125°C
DC CHARACTERISTICS (Ta = 0°C ~ 70° C, VCC = 5.0V ± 10%)
Item
Symbol
MIN.
MAX.
Conditions
Output High Voltage
VOH
0.8VCC
-
IOH = -1.0mA
Output Low Voltage
VOL
-
0.4V
IOL = 2.1mA
Input High Voltage
VIH
2.2V
VCC+0.5V
Input Low Voltage
VIL
-0.3V
0.8V
Input Leakage Current
ILI
-
5uA
0V, VCC
Output Leakage Current
ILO
-
5uA
0V, VCC
Operating Current
ICC1
-
40mA
tRC = 100ns, all output open
Standby Current (TTL)
ISTB1
-
1mA
CE = VIH
Standby Current (CMOS)
ISTB2
-
100uA*
CE > VCC - 0.2V
Input Capacitance
CIN
-
10pF
Ta = 25°C, f = 1MHz
Output Capacitance
COUT
-
10pF
Ta = 25°C, f = 1MHz
Note : ISTB2 spec is 50uA(max.) for the PLCC package type
A11
A9
A8
A13
A14
A17
NC
VCC
NC
A16
A15
A12
A7
A6
A5
A4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
OE
A10
CE
D7
D6
D5
D4
D3
VSS
D2
D1
D0
A0
A1
A2
A3
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
MX23C2000
32 TSOP
INDEX



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com