Electronic Components Datasheet Search
  English  ▼

X  

23C2000 Datasheet(PDF) 3 Page - Macronix International

Part # 23C2000
Description  2M-BIT MASK ROM (8 BIT OUTPUT)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

23C2000 Datasheet(HTML) 3 Page - Macronix International

  23C2000 Datasheet HTML 1Page - Macronix International 23C2000 Datasheet HTML 2Page - Macronix International 23C2000 Datasheet HTML 3Page - Macronix International 23C2000 Datasheet HTML 4Page - Macronix International 23C2000 Datasheet HTML 5Page - Macronix International 23C2000 Datasheet HTML 6Page - Macronix International 23C2000 Datasheet HTML 7Page - Macronix International 23C2000 Datasheet HTML 8Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
P/N:PM0228
REV. 3.9, JAN. 29, 1999
MX23C2000
AC Test Conditions
• Input Pulse Levels
: 0.4V~2.4V
0V~3V (for 70ns)
• Input Rise and Fall Times : 10ns
• Input Timing Level
: 1.5V
• Output Timing Level
: 0.8V and 2.0V
1.5V (for 70ns)
• Output Load
: See Figure
AC CHARACTERISTICS (Ta = 0°C ~ 70°C , VCC = 5.0V ± 10%)
Item
Symbol
23C2000-70*
23C2000-90
23C2000-10
23C2000-12
23C2000-15
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Read Cycle Time
tRC
70ns
-
90ns
-
100ns
-
120ns
-
150ns
-
Address Access Time
tAA
-
70ns
-
90ns
-
100ns
-
120ns
-
150ns
Chip Enable Access Time
tACE
-
70ns
-
90ns
-
100ns
-
120ns
-
150ns
Output Enable Time
tOE
-
30ns
-
45ns
-
50ns
-
60ns
-
70ns
Output Hold After Address
tOH
0ns
-
0ns
-
0ns
-
0ns
-
0ns
-
Output High Z Delay
tHZ
-
20ns
-
20ns
-
20ns
-
20ns
-
20ns
Note : Output high-impedance delay (tHZ) is measured from OE or CE going high, and this parameter guaranteed by design
over the full voltage and temperature operating range - not tested.
* 70ns speed grade is under development.
Note:No output loading is present in tester load board.
Active loading is used and under software programming control.
Output loading capacitance includes load board's and all stray capacitance.
* CL=30pF for 70ns
DOUT
C<100pF*
IOL (load)=2.1mA
IOH (load)=-100uA
INDEX



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com