Electronic Components Datasheet Search
  English  ▼

X  

23C2000 Datasheet(PDF) 5 Page - Macronix International

Part # 23C2000
Description  2M-BIT MASK ROM (8 BIT OUTPUT)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

23C2000 Datasheet(HTML) 5 Page - Macronix International

  23C2000 Datasheet HTML 1Page - Macronix International 23C2000 Datasheet HTML 2Page - Macronix International 23C2000 Datasheet HTML 3Page - Macronix International 23C2000 Datasheet HTML 4Page - Macronix International 23C2000 Datasheet HTML 5Page - Macronix International 23C2000 Datasheet HTML 6Page - Macronix International 23C2000 Datasheet HTML 7Page - Macronix International 23C2000 Datasheet HTML 8Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
P/N:PM0228
REV. 3.9, JAN. 29, 1999
MX23C2000
PACKAGE INFORMATION
32-PIN PLASTIC SOP (450 mil)
ITEM
MILLIMETERS
INCHES
A
20.95 max.
.825 max.
B
1.00 [REF]
.039 [REF]
C
1.27 [TP]
.050 [TP]
D
.40 [Typ.]
.016 [Typ.]
E
.05 min.
.002 min.
F
3.05 max.
.120 max.
G
2.69±.13
.106±.005
H
14.12±.25
.556±.010
I
11.30±.13
.445±.005
J
1.42
.056
K
.20 [Typ.]
.008 [Typ.]
L
.79
.031
NOTE: Each lead centerline is located within .25 mm[.01
inch] of its true position [TP] at maximum material condition.
116
17
32
A
DC
B
E
GF
L
K
J
I
H
32-PIN PLASTIC DIP (600 mil)
ITEM
MILLIMETERS
INCHES
A
42.13 max.
1.660 max.
B
1.90 [REF]
.075 [REF]
C
2.54 [TP]
.100 [TP]
D
.46 [Typ.]
.018 [Typ.]
E
38.07
1.500
F
1.27 [Typ.]
.050 [Typ.]
G
3.30±.25
.130±.010
H
.51 [REF]
.020 [REF]
I
3.94±.25
.155±.010
J
5.33 max.
.210 max.
K
15.22±.25
.600±.010
L
13.97±.25
.550±.010
M
.25 [Typ.]
.010 [Typ.]
NOTE: Each lead centerline is located within .25 mm[.01
inch] of its true position [TP] at maximum material condition.
A
17
32
16
1
F
D
E
C
B
H
IJ
G
M
0~15
K
L
INDEX



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com