Electronic Components Datasheet Search
  English  ▼

X  

AT41586 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # AT41586
Description  Low Cost General Purpose Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT41586 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  AT41586 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AT41586 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT41586 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT41586 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT41586 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AT41586 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
A
B
t
C
W
F
E
P2
10 PITCHES CUMULATIVE
TOLERANCE ON TAPE
±0.2 MM
USER FEED
DIRECTION
P0
D0
COVER
TAPE
T
P1
D1
K
DESCRIPTION
SYMBOL
SIZE (mm)
SIZE (INCHES)
LENGTH
WIDTH
DEPTH
PITCH
BOTTOM HOLE DIAMETER
A0
B0
K0
P1
D1
6.45
± 0.10
5.13
± 0.10
2.11
± 0.10
8.00
± 0.10
1.50 min.
0.254
± 0.004
0.202
± 0.004
0.083
± 0.004
0.315
± 0.004
0.059 min.
CAVITY
DIAMETER
PITCH
POSITION
D0
P0
E
1.50 + 0.10/-0
4.00
± 0.10
1.75
± 0.10
0.059 + 0.004/-0
0.157
± 0.004
0.069
± 0.004
PERFORATION
WIDTH
THICKNESS
W
t
8.00
± 0.30
0.255
± 0.013
0.315
± 0.012
0.0100
± 0.0005
CARRIER TAPE
CAVITY TO PERFORATION
(WIDTH DIRECTION)
CAVITY TO PERFORATION
(LENGTH DIRECTION)
F
P2
5.51
± 0.05
2.00
± 0.05
0.217
± 0.002
0.079
± 0.002
DISTANCE
BETWEEN
CENTERLINE
WIDTH
TAPE THICKNESS
C
Tt
9.19
± 0.10
0.051
± 0.010
0.362
± 0.004
0.0020
± 0.0004
COVER TAPE
Device Orientation
Tape Dimensions and Product Orientation
USER
FEED
DIRECTION
COVER TAPE
CARRIER
TAPE
REEL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com