Electronic Components Datasheet Search
  English  ▼

X  

AT41586 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # AT41586
Description  Low Cost General Purpose Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT41586 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  AT41586 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AT41586 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT41586 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT41586 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT41586 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AT41586 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
AT-41586 Typical Scattering Parameters at TA = 25°C
V
CE = 8 V, IC = 10 mA, Zo = 50 Ω
S
11
S
21
S
12
S
22
(GHz)
Mag.
Ang.
(dB)
Mag.
Ang.
(dB)
Mag.
Ang.
Mag.
Ang.
0.100
0.78
-39
28.4
26.3
154
-36.4
0.015
71
0.91
-16
0.200
0.71
-71
26.9
22.1
134
-31.7
0.026
59
0.79
-27
0.300
0.65
-95
25.2
18.1
122
-29.8
0.032
50
0.67
-34
0.400
0.61
-113
23.5
15.0
119
-28.8
0.036
44
0.58
-38
0.500
0.59
-127
22.0
12.6
114
-28.1
0.039
43
0.52
-40
0.600
0.57
-137
20.7
10.8
100
-27.5
0.042
43
0.47
-40
0.700
0.56
-146
19.6
9.5
95
-27.1
0.044
43
0.44
-41
0.800
0.56
-154
18.5
8.4
91
-26.5
0.047
43
0.42
-41
0.900
0.55
-160
17.6
7.6
86
-26.1
0.049
44
0.40
-42
1.000
0.55
-166
16.8
6.9
83
-25.8
0.051
47
0.38
-42
1.500
0.55
173
13.4
4.7
70
-23.8
0.064
49
0.34
-45
2.000
0.57
157
10.9
3.5
57
-22.0
0.079
49
0.32
-52
2.500
0.59
144
9.2
2.9
44
-20.6
0.093
48
0.31
-61
3.000
0.62
133
7.6
2.4
34
-19.3
0.108
47
0.30
-71
3.500
0.64
123
6.0
2.0
25
-18.1
0.124
45
0.30
-83
4.000
0.67
114
5.1
1.8
16
-17.0
0.141
42
0.31
-95
4.500
0.70
106
4.1
1.6
5
-15.9
0.159
39
0.32
-108
5.000
0.73
99
2.9
1.4
-3
-15.0
0.176
35
0.32
-121
5.500
0.76
93
1.6
1.2
-8
-14.2
0.193
31
0.34
-135
6.000
0.78
88
0.8
1.1
-18
-13.5
0.209
31
0.36
-150
AT-41586 Typical Noise Parameters at T
C = 25°C,
Z
O = 50 Ω, IC = 10 mA, VCE = 8 V
Frequency
NF
O
Γ
opt
(GHz)
(dB)
Mag.
Ang.
R
N/50 Ω
0.1
1.3
0.12
3
0.17
0.5
1.3
0.10
16
0.17
1.0
1.4
0.04
43
0.16
2.0
1.7
0.12
-145
0.16
Frequency
Figure 5. AT-41586 Insertion Power
Gain, Maximum Available Gain and
Maximum Stable Gain vs. Frequency
at VCE = 8 V, IC = 10 mA.
FREQUENCY (GHz)
6.0
1.0
10
0
25
35
5
20
30
0.1
15
MSG
MAG
|S
|
2
21E



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com