Electronic Components Datasheet Search
  English  ▼

X  

AT41586 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # AT41586
Description  Low Cost General Purpose Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT41586 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  AT41586 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AT41586 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT41586 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT41586 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT41586 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AT41586 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
AT-41586 Absolute Maximum Ratings[1]
Absolute
Symbol
Parameter
Units
Maximum[1]
V
EBO
Emitter-Base Voltage
V
1.5
V
CBO
Collector-Base Voltage
V
20
V
CEO
Collector-Emitter Voltage
V
12
I
C
Collector Current
mA
60
P
T
Power Dissipation[2]
mW
500
T
j
Junction Temperature
°C
150
T
STG
Storage Temperature
°C
-65 to 150
Notes:
1. Operation of this device above any one of these parameters may cause permanent damage.
2. T
CASE = 25°C.
3. See MEASUREMENTS section, “Thermal Resistance,” for more information.
Electrical Specifications, T
A = 25°C, VCE = 8 V
Symbol
Parameters and Test Conditions
Unit
Min.
Typ.
Max.
NF
o
Optimum Noise Figure: I
C = 10 mA
f = 1.0 GHz
dB
1.4
f = 2.0 GHz
1.7
f = 4.0 GHz
3.0
G
A
Gain @ NF
0: IC = 10 mA
f = 1.0 GHz
dB
17.0
f = 2.0 GHz
12.5
f = 4.0 GHz
8.0
|S
21E|
2
Insertion Power Gain: I
C = 25 mA
f = 1.0 GHz
dB
17.0
f = 2.0 GHz
11.0
P
1dB
Power Output @ 1 dB Gain Compression: I
C = 25 mA
f = 2.0 GHz
dBm
18.0
G
1dB
1 dB Compressed Gain: I
C = 25 mA
f = 2.0 GHz
dB
13.0
f
T
Gain Bandwidth Product: I
C = 25 mA
GHz
8.0
h
FE
Forward Current Transfer Ratio: I
C = 10 mA
30
150
270
I
CBO
Collector Cutoff Current: V
CB = 8 V
µA
0.2
I
EBO
Emitter Cutoff Current: V
EB = 1 V
µA
1.0
Thermal Resistance:[3]
θ
jc =165°C/W
Note:
1. For more information on outlines 86, refer to “Tape and Reel Packaging for Surface Mount Devices.”
10
20
I (mA)
C
10
16
12
14
030
2
4
0
GA
O
NF
30
12
0
20
8
16
10
20
COLLECTOR CURRENT
40
4
P1dB
G1dB
18
14
10
6
2
30
10
0
20
5
15
510
I (mA)
C
025
40
4.0 GHz
2.0 GHz
1.0 GHz
Figure 2. AT-41586 Optimum Noise
Figure and Associated Gain vs. Collec-
tor Current at V
CE = 8 V, f = 2.0 GHz.
Figure 3. AT-41586 P
1dB and G1dB vs.
Collector Current at VCE = 8 V,
f = 2.0 GHz.
Figure 4. AT-41586 Insertion Power
Gain vs. Collector Current and
Frequency at 25
°C, V
CE = 8 V.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com