Electronic Components Datasheet Search
  English  ▼

X  

MAX11167 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX11167
Description  500ksps Throughput Rates Without Pipeline
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11167 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX11167 Datasheet HTML 7Page - Maxim Integrated Products MAX11167 Datasheet HTML 8Page - Maxim Integrated Products MAX11167 Datasheet HTML 9Page - Maxim Integrated Products MAX11167 Datasheet HTML 10Page - Maxim Integrated Products MAX11167 Datasheet HTML 11Page - Maxim Integrated Products MAX11167 Datasheet HTML 12Page - Maxim Integrated Products MAX11167 Datasheet HTML 13Page - Maxim Integrated Products MAX11167 Datasheet HTML 14Page - Maxim Integrated Products MAX11167 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
PIN
NAME
FUNCTION
1
REF
Internal Reference Bypass. Bypass to GND in close proximity with a X5R or X7R 10μF 16V capacitor. See
the Layout, Grounding, and Bypassing section.
2
VDD
Analog Power Supply. Bypass VDD to GND with a 0.1µF capacitor as close as possible to each device and
one 10µF capacitor per board.
3
AIN+
Positive Analog Input
4
AIN-
Negative Analog Input. Connect AIN- to the analog ground plane or to a remote sense ground.
5
GND
Power-Supply Ground
6
CNVST
Conversion Start Input. The rising edge of CNVST initiates the conversions and selects the interface mode:
daisy-chain or CS. In CS mode, either SDI or CNVST can enable the serial output signals when low. If SDI or
CNVST is low when the conversion is completed, the busy indicator feature is enabled..
7
SDO
Serial Data Output. SDO transitions on the falling edge of SCLK.
8
SCLK
Serial Clock Input. Clocks data out of the serial interface when the device is selected.
9
SDI
Serial Data Input and Mode Select Input. Daisy-chain mode is selected if SDI is low during the CNVST rising
edge. In this mode, SDI is used as a data input to daisy-chain the conversion results of two or more ADCs
onto a single SDO line. CS mode is selected if SDI is high during the CNVST rising edge. In this mode, either
SDI or CNVST can enable the serial output signals when low. If SDI or CNVST is low when the conversion is
completed, the busy indicator feature is enabled.
10
OVDD
Digital Power Supply. OVDD can range from 2.3V to VDD. Bypass OVDD to GND with a 0.1µF capacitor for
each device and one 10µF per board.
10
2
3
4
5
9
8
7
6
CNVST
SDO
SCLK
SDI
µMAX
TOP VIEW
+
1
OVDD
MAX11158
REF
VDD
AIN+
AIN-
GND
Pin Description
Pin Configuration
MAX11158
18-Bit, 500ksps, ±5V SAR ADC with
Internal Reference in µMAX
www.maximintegrated.com
Maxim Integrated │ 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com