Electronic Components Datasheet Search
  English  ▼

X  

MAX11167 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX11167
Description  500ksps Throughput Rates Without Pipeline
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11167 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX11167 Datasheet HTML 9Page - Maxim Integrated Products MAX11167 Datasheet HTML 10Page - Maxim Integrated Products MAX11167 Datasheet HTML 11Page - Maxim Integrated Products MAX11167 Datasheet HTML 12Page - Maxim Integrated Products MAX11167 Datasheet HTML 13Page - Maxim Integrated Products MAX11167 Datasheet HTML 14Page - Maxim Integrated Products MAX11167 Datasheet HTML 15Page - Maxim Integrated Products MAX11167 Datasheet HTML 16Page - Maxim Integrated Products MAX11167 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Overvoltage Input Clamps
The MAX11158 includes an input clamping circuit that
activates when the input voltage at AIN+ is above (VDD
+ 300mV) or below -(VDD + 300mV). The clamp circuit
remains high impedance while the input signal is within
the range of Q(VDD + 100mV) and draws little to no cur-
rent. However, when the input signal exceeds this range
the clamps begin to turn on. Consequently, to obtain the
highest accuracy, ensure that the input voltage does not
exceed the range of Q(VDD + 100mV).
To make use of the input clamps, connect a resistor (RS)
between the AIN+ input and the voltage source to limit the
voltage at the analog input and to ensure the fault current
into the devices does not exceed Q20mA. Note that the
voltage at the AIN+ input pin limits to approximately 7V
during a fault condition so the following equation can be
used to calculate the value of RS:
MAX
FAULT
S
V
7V
R
20mA
−
=
where VFAULTMAX is the maximum voltage that the
source produces during a fault condition.
Figure 1 and Figure 2 illustrate the clamp circuit volt-
age current characteristics for a source impedance
RS = 1280I. While the input voltage is within the Q(VDD
+ 300mV) range, no current flows in the input clamps.
Once the input voltage goes beyond this voltage range,
the clamps turn on and limit the voltage at the input pin.
Reference
The MAX11158 includes a precision internal reference
source as well as an internal reference buffer circuit to
drive the converter. The internal reference buffer requires
a low inductance and ESR external decoupling capacitor
of at least 10µF to be placed as close as possible to the
reference pin.
Input Amplifier
The conversion results are accurate when the ADC
acquires the input signal for an interval longer than the
input signal's worst-case settling time. The ADC input
sampling capacitor charges during the acquisition period.
During this acquisition period, the settling of the sampled
voltage is affected by the source resistance and the input
sampling capacitance. Sampling error can be estimated
by modeling the time constant of the total input capaci-
tance and the driving source impedance.
Figure 1. Input Clamp Characteristics
Figure 2. Input Clamp Characteristics (Zoom In)
MAX11158 INPUT CLAMP
CHARACTERISTICS
SIGNAL VOLTAGE AT SOURCE AND AIN+ INPUT (V)
30
20
0
10
-20 -10
-30
-20
-15
-10
-5
0
5
10
15
20
25
-25
-40
40
RS = 1280I
VDD = 5.0V
AIN+ PIN
INPUT SOURCE
MAX11158 INPUT CLAMP
CHARACTERISTICS
SIGNAL VOLTAGE AT SOURCE AND AIN+ INPUT (V)
5
0
-5
-15
-5
5
15
25
-25
-10
10
RS = 1280I
VDD = 5.0V
AIN+ PIN
INPUT SOURCE
MAX11158
18-Bit, 500ksps, ±5V SAR ADC with
Internal Reference in µMAX
www.maximintegrated.com
Maxim Integrated │ 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com