Electronic Components Datasheet Search
  English  ▼

X  

MAX11167 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX11167
Description  500ksps Throughput Rates Without Pipeline
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11167 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX11167 Datasheet HTML 1Page - Maxim Integrated Products MAX11167 Datasheet HTML 2Page - Maxim Integrated Products MAX11167 Datasheet HTML 3Page - Maxim Integrated Products MAX11167 Datasheet HTML 4Page - Maxim Integrated Products MAX11167 Datasheet HTML 5Page - Maxim Integrated Products MAX11167 Datasheet HTML 6Page - Maxim Integrated Products MAX11167 Datasheet HTML 7Page - Maxim Integrated Products MAX11167 Datasheet HTML 8Page - Maxim Integrated Products MAX11167 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
VDD to GND.............................................................-0.3V to +6V
OVDD to GND........ -0.3V to the lower of (VDD + 0.3V) and +6V
AIN+ to GND......................................................................... ±7V
AIN-, REF,to GND..................-0.3V to the lower of (VDD + 0.3V)
and +6V
SCLK, SDI, SDO, CNVST
to GND............... -0.3V to the lower of (VDD + 0.3V) and +6V
Maximum Current into Any Pin...........................................50mA
Continuous Power Dissipation (TA = +70°C)
µMAX (derate 8.8mW/°C above +70°C)......................707mW
Operating Temperature Range...........................-40°C to +85°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering, 10s)..................................+300°C
Soldering Temperature (reflow).......................................+260°C
µMAX
Junction-to-Ambient Thermal Resistance (θJA)..........113°C/W
Junction-to-Case Thermal Resistance (θJC)................36°C/W
(Note 1)
(VDD = 4.75V to 5.25V, VOVDD = 2.3V to 5.25V, fSAMPLE = 500ksps, TA = TMIN to TMAX, unless otherwise noted. Typical values are
at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG INPUT (Note 3)
Input Voltage Range
AIN+ to AIN-, k = 5/4.096
-VREF
x k
+VREF
x k
V
Absolute Input Voltage Range
AIN+ to GND
-5.1
+5.1
V
AIN- to GND
-0.1
+0.1
Input Leakage Current
Acquisition phase
-10
+0.001
+10
µA
Input Capacitance
40
pF
Input-Clamp Protection Current
Both inputs
-20
+20
mA
STATIC PERFORMANCE (Note 4)
Resolution
N
18
Bits
No Missing Codes
18
Bits
Offset Error
VOVDD ≤ 3.6V
-18
±4
+18
LSB
VOVDD > 3.6V
-32
+32
Offset Temperature Coefficient
±0.08
LSB/°C
Gain Error
VOVDD ≤ 3.6V
-24
+24
LSB
VOVDD > 3.6V
-30
+30
Gain Error Temperature Coefficient
±0.04
LSB/°C
Integral Nonlinearity
INL
VOVDD ≤ 3.6V
-6
±2.7
+6
LSB
VOVDD > 3.6V
-9
+9
Differential Nonlinearity
DNL
Guaranteed by design
-1.0
±0.5
+1
LSB
Positive Full-Scale Error
VOVDD ≤ 3.6V
-22
+22
LSB
VOVDD > 3.6V
-33
+33
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics
Electrical Characteristics
MAX11158
18-Bit, 500ksps, ±5V SAR ADC with
Internal Reference in µMAX
www.maximintegrated.com
Maxim Integrated │ 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com