Electronic Components Datasheet Search
  English  ▼

X  

MAX14131 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX14131
Description  Many Options Support Broad Applications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14131 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX14131 Datasheet HTML 9Page - Maxim Integrated Products MAX14131 Datasheet HTML 10Page - Maxim Integrated Products MAX14131 Datasheet HTML 11Page - Maxim Integrated Products MAX14131 Datasheet HTML 12Page - Maxim Integrated Products MAX14131 Datasheet HTML 13Page - Maxim Integrated Products MAX14131 Datasheet HTML 14Page - Maxim Integrated Products MAX14131 Datasheet HTML 15Page - Maxim Integrated Products MAX14131 Datasheet HTML 16Page - Maxim Integrated Products MAX14131 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Note 2: All devices are 100% production tested at TA = +125°C. Specifications over temperature are guaranteed by design.
Note 3: Not production tested. Guaranteed by design.
Note 4: All currents into the device are positive. All currents out of the device are negative.
Note 5: CMTI is the maximum sustainable common-mode voltage slew rate while maintaining the correct output. CMTI applies to both rising
and falling common-mode voltage edges. Tested with the transient generator connected between GNDA and GNDB
(VCM = 1000V).
MAX14930–MAX14932,
MAX14130–MAX14131
4-Channel, 1kVRMS, 2.75kVRMS
and 3.75kVRMS Digital Isolators
www.maximintegrated.com
Maxim Integrated │ 13
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ESD
Human Body Model, all pins
±4
kV
UL
The MAX14930–MAX14932 are certified under UL1577. For more details, refer to file E351759.
Rated up to 3750VRMS isolation voltage for single protection.
cUL (Equivalent to CSA notice 5A)
The MAX14930–MAX14932 are certified up to 3750VRMS for single protection. For more details, refer to file 351759.
VDE
VDE 0884-10 (Pending)
TUV
The MAX14930–MAX14932 are tested under TUV.
IEC 60950-1: Up to 630VP (443VRMS) working voltage for basic insulation.
IEC 61010-1 (ed. 3): Up to 443VRMS working voltage for basic insulation. For details, see Technical Report number 095-72100581-100.
IEC 60601-1 (ed. 3): For details, see Technical Report number 095-72100581-200.
Basic Insulation 1 MOOP, 630VPK (443VRMS)
Withstand Isolation Voltage for 60s (Viso) 2750VRMS
ESD Protection
Safety Regulatory Approvals
IEC Insulation Testing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com