Electronic Components Datasheet Search
  English  ▼

X  

MAX14131 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX14131
Description  Many Options Support Broad Applications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14131 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX14131 Datasheet HTML 1Page - Maxim Integrated Products MAX14131 Datasheet HTML 2Page - Maxim Integrated Products MAX14131 Datasheet HTML 3Page - Maxim Integrated Products MAX14131 Datasheet HTML 4Page - Maxim Integrated Products MAX14131 Datasheet HTML 5Page - Maxim Integrated Products MAX14131 Datasheet HTML 6Page - Maxim Integrated Products MAX14131 Datasheet HTML 7Page - Maxim Integrated Products MAX14131 Datasheet HTML 8Page - Maxim Integrated Products MAX14131 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
VDDA to GNDA, VDDB to GNDB.............................-0.3V to +6V
INA_, ENA to GNDA................................................-0.3V to +6V
INB_, ENB to GNDB ...............................................-0.3V to +6V
OUTA_ to GNDA .................................... -0.3V to (VDDA + 0.3V)
OUTB_ to GNDB.................................... -0.3V to (VDDB + 0.3V)
Short-Circuit Duration
(OUTA_ to GNDA, OUTB_ to GNDB) ..................Continuous
Continuous Power Dissipation (TA = +70°C)
Wide SOIC (derate 14.1mW/°C above +70°C) ......1126.8mW
Narrow SOIC (derate 13.3mW/°C above +70°C) ..1066.7mW
QSOP (derate 9.6mW/°C above +70°C)..................771.5mW
Operating Temperature Range......................... -40°C to +125°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) ......................................+260°C
Wide SOIC
Junction-to-Ambient Thermal Resistance (θJA) ..........71°C/W
Junction-to-Case Thermal Resistance (θJC)...............23°C/W
QSOP
Junction-to-Ambient Thermal Resistance (θJA) .....103.7°C/W
Junction-to-Case Thermal Resistance (θJC)...............37°C/W
Narrow SOIC
Junction-to-Ambient Thermal Resistance (θJA) ..........75°C/W
Junction-to-Case Thermal Resistance (θJC)...............24°C/W
(Note 1)
(VDDA - VGNDA = +1.71V to +5.5V, VDDB - VGNDB = +1.71V to +5.5V, CL = 15pF, TA = -40°C to +125°C, unless otherwise noted.
Typical values are at VDDA - VGNDA = +3.3V, VDDB - VGNDB = +3.3V, VGNDA = VGNDB, TA = +25°C, unless otherwise noted.) (Note 2)
MAX14930–MAX14932,
MAX14130–MAX14131
4-Channel, 1kVRMS, 2.75kVRMS
and 3.75kVRMS Digital Isolators
www.maximintegrated.com
Maxim Integrated │ 2
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Operating Supply Voltage
VDDA
Relative to GNDA
1.71
5.5
V
VDDB
Relative to GNDB
1.71
5.5
V
Undervoltage Lockout Threshold
VUVLO_
VDD_ rising
1.45
1.58
1.71
V
Undervoltage Lockout Threshold
Hysteresis
VUVLO_
HYST
50
mV
DC Electrical Characteristics
Absolute Maximum Ratings
Package Thermal Characteristics
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com