Electronic Components Datasheet Search
  English  ▼

X  

MAX14131 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX14131
Description  Many Options Support Broad Applications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14131 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX14131 Datasheet HTML 17Page - Maxim Integrated Products MAX14131 Datasheet HTML 18Page - Maxim Integrated Products MAX14131 Datasheet HTML 19Page - Maxim Integrated Products MAX14131 Datasheet HTML 20Page - Maxim Integrated Products MAX14131 Datasheet HTML 21Page - Maxim Integrated Products MAX14131 Datasheet HTML 22Page - Maxim Integrated Products MAX14131 Datasheet HTML 23Page - Maxim Integrated Products MAX14131 Datasheet HTML 24Page - Maxim Integrated Products MAX14131 Datasheet HTML 25Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
MAX14930–MAX14932,
MAX14130–MAX14131
4-Channel, 1kVRMS, 2.75kVRMS
and 3.75kVRMS Digital Isolators
www.maximintegrated.com
Maxim Integrated │ 21
Table 1. Output Behavior Function Table
Figure 4. Undervoltage Lockout Behavior
(MAX1493_ D/E/F, MAX1413_F High)
Figure 2. Undervoltage Lockout Behavior
(MAX1493_ A/B/C High)
Figure 3. Undervoltage Lockout Behavior
(MAX1493_ A/B/C Low)
Figure 5. Undervoltage Lockout Behavior
(MAX1493_ D/E/F, MAX1413_F Low)
Note: EN_ = 0 (Hi-Z Mode) takes precedence over the default value.
VIN
VDDA
VDDB
ENA
ENB
VOUTA
VOUTB
1
Powered
Powered
1
1
1
1
0
0
Hi-Z
Hi-Z
0
Powered
Powered
1
1
0
0
0
0
Hi-Z
Hi-Z
X
Undervoltage
Powered
1
1
Default
Default
0
0
Hi-Z
Hi-Z
X
Powered
Undervoltage
1
1
Default
Default
0
0
Hi-Z
Hi-Z
VDDA
VDDB
OUTA_
MAX1493_A/B/C
INPUT SET TO HIGH
OUTB_
3V/div
200µs/div
VDDA
VDDB
OUTA_
MAX1493_D/E/F, MAX1413_F
INPUT SET TO HIGH
OUTB_
3V/div
200µs/div
VDDA
VDDB
OUTA_
MAX1493_A/B/C
INPUT SET TO LOW
OUTB_
3V/div
200µs/div
VDDA
VDDB
OUTA_
MAX1493_D/E/F, MAX1413_F
INPUT SET TO LOW
OUTB_
3V/div
200µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com