Electronic Components Datasheet Search
  English  ▼

X  

IX9907NTR Datasheet(PDF) 3 Page - IXYS Corporation

Part # IX9907NTR
Description  Single stage, primary control with PFC and dimming
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX9907NTR Datasheet(HTML) 3 Page - IXYS Corporation

  IX9907NTR Datasheet HTML 1Page - IXYS Corporation IX9907NTR Datasheet HTML 2Page - IXYS Corporation IX9907NTR Datasheet HTML 3Page - IXYS Corporation IX9907NTR Datasheet HTML 4Page - IXYS Corporation IX9907NTR Datasheet HTML 5Page - IXYS Corporation IX9907NTR Datasheet HTML 6Page - IXYS Corporation IX9907NTR Datasheet HTML 7Page - IXYS Corporation IX9907NTR Datasheet HTML 8Page - IXYS Corporation IX9907NTR Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
IX9907
R02
www.ixysic.com
3
1. Specifications
1.1 Package Pinout
1.2 Absolute Maximum Ratings
Absolute maximum electrical ratings are at 25°C.
1.3 Pin Description
Parameter
Symbol
Ratings
Unit
DRAIN Voltage
VD
650
V
DRAIN Current
ID
1.7
A
VCC Supply Voltage
VCC
-0.3 to 40
V
VR Voltage
VVR
-0.3 to 5
V
ZCV Voltage
VZCV
-0.3 to 5
V
CS Voltage
VCS
-0.3 to 5
V
SOURCE Voltage
VS
-0.3 to 5
V
Maximum Current From ZCV Pin
IZCVmax
3mA
Junction Temperature
TJ
- 40 to +150
°C
Storage Temperature
TSTG - 55 to +150 °C
Thermal Impedance
Junction to Ambient
JA
125
°C/W
ZCV
VR
CS
SOURCE
GND
V
CC
NC
DRAIN
1
2
3
4
8
7
6
5
Pin#
Name
Description
1
ZCV
Zero crossing
2
VR
Voltage sense
3CS
Current sense
(Internally connected to SOURCE)
4
SOURCE Power switch MOSFET source
5DRAIN
Power switch MOSFET drain
6
NC
Not connected
7
VCC
Controller power supply
8GND
Controller ground



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com