Electronic Components Datasheet Search
  English  ▼

X  

IX9907NTR Datasheet(PDF) 6 Page - IXYS Corporation

Part # IX9907NTR
Description  Single stage, primary control with PFC and dimming
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX9907NTR Datasheet(HTML) 6 Page - IXYS Corporation

Back Button IX9907NTR Datasheet HTML 2Page - IXYS Corporation IX9907NTR Datasheet HTML 3Page - IXYS Corporation IX9907NTR Datasheet HTML 4Page - IXYS Corporation IX9907NTR Datasheet HTML 5Page - IXYS Corporation IX9907NTR Datasheet HTML 6Page - IXYS Corporation IX9907NTR Datasheet HTML 7Page - IXYS Corporation IX9907NTR Datasheet HTML 8Page - IXYS Corporation IX9907NTR Datasheet HTML 9Page - IXYS Corporation IX9907NTR Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
IX9907
6
www.ixysic.com
R02
2. Functional Description
Figure 1 IX9907 Typical Application
2.1 Soft Start
Once the main input voltage is applied, a rectified
voltage will appear across CIN. VCC capacitor (CVCC)
will be charged during the power-up phase of
operation through an external transistor. Once VCC
reaches VVCC_on (typically 18V), the device will
initiate a soft-start sequence. This is intended to
minimize the electrical stresses on the device’s
MOSFET power switch, DOUT, DVCC, and the
transformer. The soft-start operates as shown in
Figure 2. The duration of this soft-start is 12mS
nominal and steps VCS, the current sense voltage, to
four values, as shown.
Figure 2 Start-Up
AC
C
IN
R
IN1
R
IN2
D
VR
V
CC
+
-
C
VR
Q1
D
VCC
R
ZCV1
C
ZCV
R
ZCV2
C
VCC
SNUBBER
D
OUT
C
OUT
T1
Aux
CS
GND
VR
ZCV DRAIN
SOURCE
IX9907
R
CS
C
C
LEDs
R1
Z1
Time (ms)
01 2345 6 7 8 9 10111213 1415
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Maximum Current (Sense Voltage)
During Soft-Start



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com