Electronic Components Datasheet Search
  English  ▼

X  

IX9907NTR Datasheet(PDF) 7 Page - IXYS Corporation

Part # IX9907NTR
Description  Single stage, primary control with PFC and dimming
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX9907NTR Datasheet(HTML) 7 Page - IXYS Corporation

Back Button IX9907NTR Datasheet HTML 2Page - IXYS Corporation IX9907NTR Datasheet HTML 3Page - IXYS Corporation IX9907NTR Datasheet HTML 4Page - IXYS Corporation IX9907NTR Datasheet HTML 5Page - IXYS Corporation IX9907NTR Datasheet HTML 6Page - IXYS Corporation IX9907NTR Datasheet HTML 7Page - IXYS Corporation IX9907NTR Datasheet HTML 8Page - IXYS Corporation IX9907NTR Datasheet HTML 9Page - IXYS Corporation IX9907NTR Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
IX9907
R02
www.ixysic.com
7
2.2 Normal Operation
Because the IX9907 employs quasi-resonant
operation, its PWM switch-on is set by the zero
crossing of the auxiliary winding voltage, and the
switch-off is set by the current sense voltage.
2.2.1 Zero Crossing & Switch-On Determination
The application example in Figure 1 shows that the
voltage from the auxiliary winding is connected to the
zero crossing pin, ZCV, through an RC network. This
network provides a delay so that switch-on can occur
at a voltage valley, thus enhancing efficiency. The
required time delay,
t, should be approximately
one-fourth of the oscillation period (determined by the
inductance of the transformer’s primary and the
drain-source capacitance of the built-in power switch
MOSFET) minus the propagation delay from
zero-cross detect to power switch-on, tdelay.
This time delay,
t, should be matched by adjusting
the RC network.
After the power switch is turned off, its VDS will show
some oscillation. This will also show on the ZCV input.
To avoid a mis-triggered switch turn-on, a ringing
suppression circuit is implemented. The suppression
time has two values that depend on the voltage at
ZCV. If VZCV is greater than 0.7V, then the time is
2.5
s nominal. If V
ZCV is less than 0.7V, then the time
is 42
s nominal. Turn-on of the power switch cannot
occur during the suppression time, but does occur
after a zero-crossing is detected. In the case of a
missed zero-crossing, a maximum off-time is
implemented. After the power switch has been off for
42
s nominal (t
offMax), it is turned back on.
2.2.2 Switch-Off Determination
In the application circuit the primary current is sensed
by RCS. The voltage across this resistor, VCS, is
applied to the CS input of the device. It is processed
internally (VCSINT = VCS(3) + 0.7V), and compared to
the voltage at the VR pin, which is a scaled version of
the rectified line voltage. When VCSINT > VR, the
power switch is turned off.
Leading-edge blanking is used to prevent a false
trigger caused by the voltage spike across RCS at the
moment of power switch turn-on. This blanking time,
tBLKCS, is nominally 450nS. To prevent transformer
saturation, a maximum on-time circuit is implemented.
Max on-time for the power switch is 30
s nominal.
2.2.3 Foldback Point Correction
When the AC line voltage increases, the power switch
on-time decreases, which increases the operating
frequency. As a result, with a constant primary current
limit, the output power increases. To provide output
power regulation with respect to line voltage, the
internal foldback point correction circuit varies the VCS
limit. The VCS limit is decreased in response to an
increase in AC line voltage. The relationship between
VCSMax and VIN is shown in Figure 3.
Figure 3 VCSMax vs. VIN
t
t
OSC
4
-----------
t
delay
–
=
t
RC
C
ZCV
R
ZCV1
R
ZCV2
---------------
=
V
IN (V)
50
100
150
200
250
300
350
400
450
0.6
0.7
0.8
0.9
1.0
1.1
Variation of V
CS Limit Voltage
With Respect to V
IN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com