Electronic Components Datasheet Search
  English  ▼

X  

MAX77596 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX77596
Description  Minimizes Solution Size
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77596 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX77596 Datasheet HTML 7Page - Maxim Integrated Products MAX77596 Datasheet HTML 8Page - Maxim Integrated Products MAX77596 Datasheet HTML 9Page - Maxim Integrated Products MAX77596 Datasheet HTML 10Page - Maxim Integrated Products MAX77596 Datasheet HTML 11Page - Maxim Integrated Products MAX77596 Datasheet HTML 12Page - Maxim Integrated Products MAX77596 Datasheet HTML 13Page - Maxim Integrated Products MAX77596 Datasheet HTML 14Page - Maxim Integrated Products MAX77596 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MAX77596
24V, 300mA, Buck Converter with 1.1µA IQ
www.maximintegrated.com
Maxim Integrated │ 11
when the regulator output drops to below 90% of the
nominal regulated voltage.
Forced PWM/Skip Modes
The device features a logic-level input (MODE) to switch
between forced-PWM and skip modes. Connecting MODE
to BIAS enables the forced-PWM operation. Connecting
MODE to ground, or leaving unconnected, enables skip-
mode operation with ultra-low-quiescent current of 1.1µA.
In skip-mode operation, the converter’s switching frequen-
cy is load dependent until the output load reaches the skip
threshold. At higher load current, the switching frequency
does not change and the operating mode is similar to the
forced-PWM mode. Skip mode helps improve efficiency
in light-load applications by allowing the converter to turn
on the high-side switch only when the output voltage falls
below a set threshold. As such, the converter does not
switch the MOSFETs on and off as often as is the case
in the forced-PWM mode. Consequently, the gate charge
and switching losses are much lower in skip mode.
Current Limit /Short-Circuit Protection
The device has fault protection designed to protect itself
from abnormal conditions. If the output is soft shorted
(meaning the output is overloaded but over 25% of
regulation), cycle-by-cycle current limit limits how high
the inductor current goes for any cycle. If the output is
hard shorted to ground and the output falls to less than
25% of regulation, the part goes into a mode where it
switches until 15 cycles are ended by current limit, then
waits for 16.5ms before trying to soft-start again. This
mode of operation limits the amount of power dissipated
by the device under these conditions. The device also
has overtemperature protection. If the die temperature
exceeds approximately 175°C, the device stops switching
until the die temperature drops by approximately 15°C
and then resumes operation, including going through
soft-start again.
Applications Information
Setting the Output Voltage
The device’s adjustable output-voltage version (see the
Selector Guide for more details) allows the user to set
the output to any voltage between 1V and 10V. Connect
a resistive divider from output (VOUT) to FB to AGND to
set the output voltage (Figure 1). Select R2 (FB to AGND
resistor) less than or equal to 100kΩ. Calculate R1 (VOUT
to FB resistor) with the following equation:
OUT
FB
V
R1 R2
1
V

=
×−


where VFB = 1V (see the Electrical Characteristics).
Inductor Selection
Three key inductor parameters must be specified for
operation with the device: inductance value (L), inductor
saturation current (ISAT), and DC resistance (RDCR). To
select inductance value, the ratio of inductor peak-to-
peak AC current to DC average current (LIR) must be
selected first. A good compromise between size and loss
is a 30% peak-to-peak ripple current to average current
ratio (LIR = 0.3). The switching frequency, input voltage,
output voltage, and selected LIR then determines the
inductor value as follows:
OUT
SUP
OUT
SUP
SW OUT
V
(V
V
)
L
V
f
I
LIR
×−
=
××
×
where VSUP, VOUT, and IOUT are typical values (so that
efficiency is optimum for typical conditions). The switching
frequency is 1.7MHz. Table 1 lists some of the inductor val-
ues for 300mA output current and several output voltages.
Figure 1. Adjustable Output-Voltage Setting
Table 1. Inductor Values for 300mA
Output Current
VSUP/VOUT (V)
14V/5V
14V/3.3V
INDUCTOR (µH) ILOAD = 300mA
10µH (typ)
22µH (max)
10µH (typ)
22µH (max)
R1
R2
FB
VOUT
MAX77596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com