Electronic Components Datasheet Search
  English  ▼

X  

MAX77596 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX77596
Description  Minimizes Solution Size
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77596 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX77596 Datasheet HTML 1Page - Maxim Integrated Products MAX77596 Datasheet HTML 2Page - Maxim Integrated Products MAX77596 Datasheet HTML 3Page - Maxim Integrated Products MAX77596 Datasheet HTML 4Page - Maxim Integrated Products MAX77596 Datasheet HTML 5Page - Maxim Integrated Products MAX77596 Datasheet HTML 6Page - Maxim Integrated Products MAX77596 Datasheet HTML 7Page - Maxim Integrated Products MAX77596 Datasheet HTML 8Page - Maxim Integrated Products MAX77596 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MAX77596
24V, 300mA, Buck Converter with 1.1µA IQ
www.maximintegrated.com
Maxim Integrated │ 2
(VSUP = VEN = 14V, VMODE = 0V, TA = TJ = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C, unless
otherwise noted.) (Note 2)
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
(Voltages Referenced to PGND)
SUP .......................................................................-0.3V to +42V
EN..............................................................-0.3V to VSUP + 0.3V
BST to LX..............................................................................+6V
BST........................................................................-0.3V to +47V
MODE, OUT/FB, RESET................. ........-0.3V to VBIAS + 0.3V
AGND................................................................ ...-0.3V to +0.3V
BIAS.................... .................................................-0.3V to +6.0V
OUT/FB Short-Circuit Duration..................................Continuous
Continuous Power Dissipation (TA = +70°C)
(derate 9.8mW/°C above +70°C) ................................784mW
Operating Temperature Range........................... -40°C to +85°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering, 10s) ...................................300°C
Soldering Temperature (reflow).......................................+260°C
Package Thermal Characteristics (Note 1)
TDFN
Junction-to-Ambient Thermal Resistance (BJA).........102°C/W
Junction-to-Case Thermal Resistance (BJC)..................2.9°C/W
Absolute Maximum Ratings
Electrical Characteristic
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VSUP
3.5
24
V
Supply Voltage
VSUP
t < 500ms (Note 3)
42
V
Supply Current
ISUP
Shutdown (VEN = 0V)
0.75
3.0
µA
No load, fixed 3.3V VOUT
1.1
3.0
No load, fixed 5.0V VOUT
1.8
5.0
No load, adjustable
VOUT
TA = +25°C
32
70
TA = -40°C to +85°C
80
VMODE = VBIAS , no load, FPWM,
no switching
0.5
1
1.5
mA
UV Lockout
VUVLO
VBIAS rising
3.0
3.2
3.4
V
Hysteresis
0.4
BIAS Regulator Voltage
VBIAS
VSUP = 5.5V to 24V (MAX77596ETBC+)
5
V
BIAS Current Limit
10
mA
BUCK CONVERTER
Voltage Accuracy
VOUT,3.3V
VOUT = 3.3V, 6V ≤ VSUP ≤ 24V,
ILOAD = 0 to 300mA
3.1
3.3
3.4
V
VOUT,5.0V
VOUT = 5.0V, 6V ≤ VSUP ≤ 24V,
ILOAD = 0 to 300mA
4.8
5.0
5.15
Output Voltage Range
VOUT
Adjustable output versions
1
10
V
FB Voltage Accuracy
VFB
Adjustable output versions,
3.5V ≤ VSUP ≤ 24V, ILOAD = 300µA
0.98
1.0
1.03
V
FB Input Current
IFB
VFB = 1V
0.02
µA
FB Load Regulation
ΔVLOAD
ILOAD = 0.3mA to 300mA
2
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com