Electronic Components Datasheet Search
  English  ▼

X  

MAX77596 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX77596
Description  Minimizes Solution Size
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77596 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX77596 Datasheet HTML 8Page - Maxim Integrated Products MAX77596 Datasheet HTML 9Page - Maxim Integrated Products MAX77596 Datasheet HTML 10Page - Maxim Integrated Products MAX77596 Datasheet HTML 11Page - Maxim Integrated Products MAX77596 Datasheet HTML 12Page - Maxim Integrated Products MAX77596 Datasheet HTML 13Page - Maxim Integrated Products MAX77596 Datasheet HTML 14Page - Maxim Integrated Products MAX77596 Datasheet HTML 15Page - Maxim Integrated Products MAX77596 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MAX77596
24V, 300mA, Buck Converter with 1.1µA IQ
www.maximintegrated.com
Maxim Integrated │ 13
Figure 2. MAX77596ETBA+/MAX77596ETBB+, Fixed Output Voltage (3.3V/5V), 10-Pin TDFN
Figure 3. MAX77596ETBC+, Variable Output Voltage, 10-Pin TDFN
Typical Application Circuits
VBAT
CIN1
4.7µF
CBST
0.1µF
COUT
22µF
CL
1µF
CIN2
0.1µF
MODE
SUP
EN
RESET
AGND
L
10µH
VOUT
3.3V/5V
MAX77596
PGND
NL
NH
BIAS
OUT
LX
BST
VBAT
CIN1
4.7µF
CBST
0.1µF
COUT
22µF
CL
1µF
RTOP
VARIES
RBOT
50kΩ
CIN2
0.1µF
MODE
SUP
EN
RESET
AGND
L
10µH
VOUT
1V–10V
MAX77596
PGND
NL
NH
BIAS
FB
LX
BST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com