Electronic Components Datasheet Search
  English  ▼

X  

SN65LBC173AMDREP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC173AMDREP
Description  Quadruple RS-485 Differential Line Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LBC173AMDREP Datasheet(HTML) 3 Page - Texas Instruments

  SN65LBC173AMDREP Datasheet HTML 1Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 2Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 3Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 4Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 5Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 6Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 7Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 8Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
1
1B
16
VCC
2
1A
15
4B
3
1Y
14
4A
4
G
13
4Y
5
2Y
12
G
6
2A
11
3Y
7
2B
10
3A
8
GND
9
3B
Not to scale
3
SN65LBC173A-EP
www.ti.com
SLLSEH1 – NOVEMBER 2016
Product Folder Links: SN65LBC173A-EP
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
D Package
16-Pin SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
1A
2
I
RS-485 differential input (noninverting).
1B
1
I
RS-485 differential input (inverting).
1Y
3
O
Logic level output.
2A
6
I
RS-485 differential input (noninverting).
2B
7
I
RS-485 differential input (inverting).
2Y
5
O
Logic level output.
3A
10
I
RS-485 differential input (noninverting).
3B
9
I
RS-485 differential input (inverting).
3Y
11
O
Logic level output.
4A
14
I
RS-485 differential input (noninverting).
4B
15
I
RS-485 differential input (inverting).
4Y
13
O
Logic level output.
G
12
I
Active-low select.
G
4
I
Active-high select.
GND
8
—
Ground.
VCC
16
—
Power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com