Electronic Components Datasheet Search
  English  ▼

X  

SN65LBC173AMDREP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC173AMDREP
Description  Quadruple RS-485 Differential Line Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LBC173AMDREP Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65LBC173AMDREP Datasheet HTML 5Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 6Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 7Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 8Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 9Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 10Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 11Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 12Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
16 V
16 V
100 k
Ω
18 k
Ω
4 k
Ω
4 k
Ω
Input
A Input
VCC
16 V
16 V
100 k
Ω
18 k
Ω
4 k
Ω
4 k
Ω
Input
B Input
VCC
1 k
Ω
8 V
100 k
Ω
VCC
Input
1 k
Ω
8 V
100 k
Ω
VCC
Input
G Input
8 V
G Input
VCC
5
Ω
8 V
8 V
Y Output
Output
Pulse Generator,
15 µs Duration,
1% Duty Cycle
100 Ω
VTEST
0 V
15 µs
1.5 ms
VTEST
A
B
Generator
50
Ω
Y
1.5 V
1.5 V
3 V
0 V
tPZL
tPLZ
VOL
VCC
G
Y
VOL + 0.5 V
1.5 V
−1.5 V
G
G
VCC
1 k
Ω
VCC
Generators: PRR = 1 MHz, 50% Duty Cycle,
tr <6 ns, Zo = 50 Ω
CL = 15 pF
(Includes Probe and
Jig Capacitance)
9
SN65LBC173A-EP
www.ti.com
SLLSEH1 – NOVEMBER 2016
Product Folder Links: SN65LBC173A-EP
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Parameter Measurement Information (continued)
Figure 9. Test Circuit Waveforms, tPZL and tPLZ
Figure 10. Test Circuit and Waveform, Transient Over-Voltage Test
Figure 11. Equivalent Input and Output Schematic Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com