Electronic Components Datasheet Search
  English  ▼

X  

SN65LBC173AMDREP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC173AMDREP
Description  Quadruple RS-485 Differential Line Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LBC173AMDREP Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65LBC173AMDREP Datasheet HTML 4Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 5Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 6Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 7Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 8Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 9Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 10Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 11Page - Texas Instruments SN65LBC173AMDREP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
A
B
Generator
50
Ω
Y
1.5 V
1.5 V
3 V
0 V
tPZH
tPHZ
VOH
GND
G
Y
VOH −0.5 V
1.5 V
1.5 V
G
G
VCC
1 k
Ω
VCC
Generators: PRR = 1 MHz, 50% Duty Cycle,
tr <6 ns, Zo = 50 Ω
CL = 15 pF
(Includes Probe and
Jig Capacitance)
A
B
Generator
50
Ω
Generator
50
Ω
Y
CL = 15 pF
(Includes Probe and
Jig Capacitance)
Generators: PRR = 1 MHz, 50% Duty Cycle,
tr <6 ns, Zo = 50 Ω
90%
90%
1.5 V
1.5 V
3 V
0 V
tPLH
tPHL
VOH
VOL
tr
tf
Input B
Input A
Output Y
10%
10%
1.5 V
VID
VO
IO
VA
VB
8
SN65LBC173A-EP
SLLSEH1 – NOVEMBER 2016
www.ti.com
Product Folder Links: SN65LBC173A-EP
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7 Parameter Measurement Information
Figure 6. Voltage and Current Definitions
Figure 7. Switching Test Circuit and Waveforms
Figure 8. Test Circuit Waveforms, tPZH and tPHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com