Electronic Components Datasheet Search
  English  ▼

X  

LM2711 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2711
Description  TFT Panel Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2711 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2711 Datasheet HTML 1Page - National Semiconductor (TI) LM2711 Datasheet HTML 2Page - National Semiconductor (TI) LM2711 Datasheet HTML 3Page - National Semiconductor (TI) LM2711 Datasheet HTML 4Page - National Semiconductor (TI) LM2711 Datasheet HTML 5Page - National Semiconductor (TI) LM2711 Datasheet HTML 6Page - National Semiconductor (TI) LM2711 Datasheet HTML 7Page - National Semiconductor (TI) LM2711 Datasheet HTML 8Page - National Semiconductor (TI) LM2711 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN
-0.3V to 7.5V
V
SW Voltage
-0.3V to 18V
FB Voltage
-0.3V to 7V
V
C Voltage
0.965V to 1.565V
SHDN Voltage
-0.3V to V
IN
FSLCT Voltage
AGND to V
IN
Supply Voltage, Vs+
-0.3V to 12V
Buffer Input Voltage
Rail-to-Rail
Buffer Output Voltage
Rail-to-Rail
ESD Ratings
(Note 3)
Human Body Model
2kV
Machine Model
200V
Operating Conditions
Operating Temperature
−40˚C to +125˚C
Storage Temperature
−65˚C to +150˚C
Supply Voltage, V
IN
2.2V to 7.5V
V
SW Voltage
17V
Supply Gamma Buffer, Vs+
4V to 12V
Electrical Characteristics
Specifications in standard type face are for T
J = 25˚C and those with boldface type apply over the full Operating Tempera-
ture Range (T
J = −40˚C to +125˚C). Unless otherwise specified, VIN =2.2V and Vs+ = 8V, Rox = 50
Ω, Cox = 1nF.
Switching Regulator
Symbol
Parameter
Conditions
Min
(Note 4)
Typ
(Note 5)
Max
(Note 4)
Units
I
Q
Quiescent Current
Not Switching, FSCLT = 0V
1.6
2
mA
Not Switching, FSCLT = V
IN
1.65
2.2
Switching, FSCLT = 0V
2.5
3
Switching, FSCLT = V
IN
3.4
4
Shutdown mode
6
15
µA
V
FB
Feedback Voltage
1.239
1.265
1.291
V
%V
FB/
∆V
IN
Feedback Voltage Line
Regulation
0.03
0.05
%/V
I
CL
Switch Current Limit
(Note 6)
V
IN = 2.5V, VOUT =8V
1.4
A
R
DSON
Switch R
DSON (Note 7)
V
IN = 2.7V
170
m
Ω
I
B
FB Pin Bias Current(Note 8)
30
90
nA
V
IN
Input Voltage Range
2.2
7.5
V
I
SS
Soft Start Current
5
11
15
µA
T
SS
Internal Soft Start Ramp
Time
FSLCT = 0V
6.7
10
mS
g
m
Error Amp Transconductance
∆I = 5µA
60
135
250
µmho
A
V
Error Amp Voltage Gain
135
V/V
D
MAX
Maximum Duty Cycle
78
85
%
f
S
Switching Frequency
FSLCT = 0V
500
600
700
kHz
FSLCT = V
IN
0.9
1.25
1.5
MHz
I
L
Switch Leakage Current
V
SW = 17V
0.185
20
µA
SHDN
SHDN Threshold
Output High
0.85
0.6
V
Output Low
0.6
0.3
V
I
SHDN
Shutdown Pin Current
0V
≤ SHDN ≤ V
IN
0.5
1
µA
UVP
On Threshold
1.8
1.9
2
V
Off Threshold
1.7
1.8
1.9
V
Hysteresis
100
mV
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com