Electronic Components Datasheet Search
  English  ▼

X  

LM2711 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2711
Description  TFT Panel Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2711 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2711 Datasheet HTML 2Page - National Semiconductor (TI) LM2711 Datasheet HTML 3Page - National Semiconductor (TI) LM2711 Datasheet HTML 4Page - National Semiconductor (TI) LM2711 Datasheet HTML 5Page - National Semiconductor (TI) LM2711 Datasheet HTML 6Page - National Semiconductor (TI) LM2711 Datasheet HTML 7Page - National Semiconductor (TI) LM2711 Datasheet HTML 8Page - National Semiconductor (TI) LM2711 Datasheet HTML 9Page - National Semiconductor (TI) LM2711 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Electrical Characteristics
Specifications in standard type face are for T
J = 25˚C and those with boldface type apply over the full Operating Tempera-
ture Range (T
J = −40˚C to +125˚C). Unless otherwise specified, VIN =2.2V and Vs+ = 8V, Rox = 50
Ω, Cox = 1nF.
BUFFERS
Symbol
Parameter
Conditions
Min
(Note 4)
Typ
(Note 5)
Max
(Note 4)
Units
V
OS
Input offset voltage
2.5
10
mV
∆V
os/
∆T
Offset Voltage Drift
8
µV/˚C
I
B
Input Bias Current
170
800
nA
CMVR
Input Common-mode Voltage
Range
0.05
Vs+-0.05
V
Z
IN
Input Impedance
400
k
Ω
C
IN
Input Capacitance
1
pF
I
OUT
Continuous Output Current
Vs+=8V, Source
41
59
71
mA
Vs+=8V, Sink
−65
−53
−36
Vs+=12V, Source
50
71
85
Vs+=12V, Sink
−75
−61
−42
V
OUT Swing
R
L=10k, Vo min.
0.075
V
R
L=10k, Vo max.
7.88
R
L=2k, Vo min.
0.075
R
L=2k, Vo max.
7.865
A
VCL
Voltage Gain
R
L =2 k
Ω
R
L=10 k
Ω
0.995
0.9985
0.998
0.9999
V/V
NL
Gain Linearity
R
L =2 k
Ω, Buffer input=0.5 to
(Vs+-0.5V)
0.01
%
Vs+
Supply Voltage
412
V
PSRR
Power Supply Rejection
Ratio
Vs+=4to12V
90
316
µV/V
Is+
Supply Current/Amplifier
Vo = Vs+/2, No Load
1
2
mA
SR
Slew Rate
10
V/µs
BW
Bandwidth
-3dB,R
L =10 k
Ω,C
L =10pf
6
MHz
φ 0
Phase Margin
50
Deg˚
Note 1: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal resistance, θJA,
and the ambient temperature, TA. See the Electrical Characteristics table for the thermal resistance of various layouts. The maximum allowable power dissipation
at any ambient temperature is calculated using: PD (MAX) = (TJ(MAX) −TA)/θJA. Exceeding the maximum allowable power dissipation will cause excessive die
temperature, and the regulator will go into thermal shutdown.
Note 2: Absolute maximum ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions for which the device is intended to
be functional, but device parameter specifications may not be guaranteed. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 3: The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF capacitor discharged
directly into each pin.
Note 4: All limits guaranteed at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are 100%
production tested or guaranteed through statistical analysis. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality
Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
Note 5: Typical numbers are at 25˚C and represent the most likely norm.
Note 6: Duty cycle affects current limit due to ramp generator. See Switch Current Limit vs. VIN and Switch Current Limit vs. Temperature graphs in the Typical
Performance Characteristics section.
Note 7: See Typical Performance Characteristics section for Tri-Temperature data for RDSON vs. VIN.
Note 8: Bias current flows into FB pin.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com