Electronic Components Datasheet Search
  English  ▼

X  

LM2711 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2711
Description  TFT Panel Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2711 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM2711 Datasheet HTML 12Page - National Semiconductor (TI) LM2711 Datasheet HTML 13Page - National Semiconductor (TI) LM2711 Datasheet HTML 14Page - National Semiconductor (TI) LM2711 Datasheet HTML 15Page - National Semiconductor (TI) LM2711 Datasheet HTML 16Page - National Semiconductor (TI) LM2711 Datasheet HTML 17Page - National Semiconductor (TI) LM2711 Datasheet HTML 18Page - National Semiconductor (TI) LM2711 Datasheet HTML 19Page - National Semiconductor (TI) LM2711 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Operation (Continued)
performance of the buffers. If the capacitance presented by
the load is less than 5nF external components will be re-
quired as the load itself will not ensure stability. No external
compensation in this case will lead to oscillation of the buffer
and an increase in power consumption. A single 5nF or
greater capacitor on the output will ensure a stable buffer
with no oscillations. For applications requiring a higher slew
rate, a good choice for compensation is to add a 50
Ω (Rox)
in series with a 1nF (Cox) capacitor from the output of the
buffer to ground. This allows for driving zero to infinite ca-
pacitance loads with no oscillations, minimal overshoot, and
a higher slew rate than using a large capacitor. The high
phase margin created by the external compensation will
guarantee stability and good performance for all conditions.
For noise sensitive applications greater output capacitance
may be desired. When the power supply for the buffers (Vs+)
is connected to the output of the switching regulator, the
output ripple of the regulator will produce ripple at the output
of the buffers.
LAYOUT CONSIDERATIONS
The LM2711 uses two separate ground connections, GND
for the driver and NMOS power device of the boost regulator
and AGND for the sensitive analog control circuitry of the
boost regulator and the V
COM and Gamma buffers. The
AGND and GND pins should be tied directly together at the
package, see Figure 3 and Figure 4. The feedback, softstart,
and compensation networks should be connected directly to
a dedicated analog ground plane and this ground plane must
connect to the AGND pin, as in Figure 3. If no analog ground
plane is available then the ground connections of the feed-
back, softstart, and compensation networks must tie directly
to the AGND pin, as show in Figure 4. Connecting these
networks to the GND pin can inject noise into the system and
effect performance. For 600kHz operation the FSLCT pin
should be tied to an analog ground plane or directly to the
AGND pin. For 1.25MHz operation the FSLCT pin should be
tied to the V
IN pin.
The input bypass capacitor C
IN must be placed close to the
IC. This will reduce copper trace resistance which effects
input voltage ripple of the IC. For additional input voltage
filtering, a 100nF bypass capacitor can be placed in parallel
with C
IN, close to the VIN pin, to shunt any high frequency
noise to ground. The output capacitor, C
OUT, should also be
placed close to the IC. Any copper trace connections for the
C
OUT capacitor can increase the series resistance, which
directly effects output voltage ripple and efficiency. The feed-
back network, resistors R1 and R2, should be kept close to
the FB pin, and away from the inductor, to minimize copper
trace connections that can inject noise into the system.
Trace connections made to the inductor and schottky diode
should be minimized to reduce power dissipation and in-
crease overall efficiency.
20046852
FIGURE 3. Multi-Layer Layout
20046853
FIGURE 4. Single Layer Layout
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com