Electronic Components Datasheet Search
  English  ▼

X  

ML2724 Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML2724
Description  2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2724 Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML2724 Datasheet HTML 1Page - Micro Linear Corporation ML2724 Datasheet HTML 2Page - Micro Linear Corporation ML2724 Datasheet HTML 3Page - Micro Linear Corporation ML2724 Datasheet HTML 4Page - Micro Linear Corporation ML2724 Datasheet HTML 5Page - Micro Linear Corporation ML2724 Datasheet HTML 6Page - Micro Linear Corporation ML2724 Datasheet HTML 7Page - Micro Linear Corporation ML2724 Datasheet HTML 8Page - Micro Linear Corporation ML2724 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
ML2724
DS2724-F-01
FINAL DATASHEET
APRIL 2003
2
TABLE OF CONTENTS
GENERAL DESCRIPTION ........................................................................................................................................... 1
PIN CONFIGURATION................................................................................................................................................. 1
ORDERING INFORMATION ........................................................................................................................................ 1
FEATURES................................................................................................................................................................... 1
APPLICATIONS............................................................................................................................................................ 1
BLOCK DIAGRAM........................................................................................................................................................ 1
TABLE OF CONTENTS................................................................................................................................................ 2
CHANGE LOG .............................................................................................................................................................. 2
SIMPLIFIED APPLICATIONS DIAGRAM..................................................................................................................... 3
ELECTRICAL CHARACTERISTICS............................................................................................................................. 4
PIN DESCRIPTIONS.................................................................................................................................................... 7
FUNCTIONAL DESCRIPTION ................................................................................................................................... 12
MODES OF OPERATION .......................................................................................................................................... 13
DATA INTERFACE..................................................................................................................................................... 15
CONTROL INTERFACES AND REGISTER DESCRIPTIONS .................................................................................. 17
DATA INTERFACES .................................................................................................................................................. 22
GRAPHS..................................................................................................................................................................... 24
PHYSICAL DIMENSIONS (INCHES/MILLIMETERS) ................................................................................................ 25
WARRANTY ............................................................................................................................................................... 25
CHANGE LOG
VERSION
DATE
AUTHOR
CHANGES/COMMENTS
DS2724-F-01
4/23/03
mlj
Originate Final Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com