Electronic Components Datasheet Search
  English  ▼

X  

ML2724 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML2724
Description  2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2724 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML2724 Datasheet HTML 1Page - Micro Linear Corporation ML2724 Datasheet HTML 2Page - Micro Linear Corporation ML2724 Datasheet HTML 3Page - Micro Linear Corporation ML2724 Datasheet HTML 4Page - Micro Linear Corporation ML2724 Datasheet HTML 5Page - Micro Linear Corporation ML2724 Datasheet HTML 6Page - Micro Linear Corporation ML2724 Datasheet HTML 7Page - Micro Linear Corporation ML2724 Datasheet HTML 8Page - Micro Linear Corporation ML2724 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
ML2724
SIMPLIFIED APPLICATIONS DIAGRAM
BASEBAND
IC
RXI
PAON
DOUT
DIN
RSSI
FREF
CLK,
DATA,
EN
XCEN,
RXON
2
VCCA
VTUNE
QPO
PA
3
T/R
SWITCH
ANTENNA
LNA
AOUT
ML2724
3 PAON
RXI
17
14 RVVCO
TXO
TXO
21
BATTERY
AND
PROTECTION
CIRCUITS
EN
DATA
CLK
RSSI
9
FREF
7
AOUT
32
DOUT
28
5
4
6
30
DIN
1
XCEN
2
RXON
15
VTUNE
11
QPO
TXOB
TXOB
22
33nF
220nF
150
Ω.
26
VBG
220nF
Figure 1: Typical ML2724 Application Diagram
DS2724-F-01
FINAL DATASHEET
APRIL 2003
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com