Electronic Components Datasheet Search
  English  ▼

X  

ML2724 Datasheet(PDF) 13 Page - Micro Linear Corporation

Part # ML2724
Description  2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2724 Datasheet(HTML) 13 Page - Micro Linear Corporation

Back Button ML2724 Datasheet HTML 9Page - Micro Linear Corporation ML2724 Datasheet HTML 10Page - Micro Linear Corporation ML2724 Datasheet HTML 11Page - Micro Linear Corporation ML2724 Datasheet HTML 12Page - Micro Linear Corporation ML2724 Datasheet HTML 13Page - Micro Linear Corporation ML2724 Datasheet HTML 14Page - Micro Linear Corporation ML2724 Datasheet HTML 15Page - Micro Linear Corporation ML2724 Datasheet HTML 16Page - Micro Linear Corporation ML2724 Datasheet HTML 17Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
ML2724
The RF mixer down-converts the 2.4GHz RF input signal to the first intermediate frequency (IF), where it is filtered to
remove adjacent channel signals. An active image reject mixer converts this signal down to a Low IF frequency, where
the data is limited, filtered, and demodulated. This architecture provides all the benefits of direct conversion to
baseband while maintaining the stability and robustness of a traditional super-heterodyne.
A single synthesizer is used for both the receiver and the FSK transmitter. The phase locked loop (PLL) is completely
integrated, including the voltage controlled oscillator (VCO), tuning circuits, and VCO resonator.
In RECEIVE MODE, the ML2724 is a dual conversion Low IF receiver. No external SAW filters are required. The
integrated image reject mixer gives sufficient rejection in this channel. All channel filtering and demodulation is
performed using active filters, which are automatically aligned. A matched bit rate filter and a data slicer follow the
demodulator. The sliced data is provided at the DOUT pin, and the analog data is available at AOUT.
In TRANSMIT MODE, the ML2724 generates a 2.4GHz output using the transmit mixer. An auto-aligned transmit data
filter and modulation compensation circuit results in an adjustment-free transmitter. The VCO is modulated by the
transmit data, which is put through a sigma-delta fractional-N PLL ensuring modulation accuracy. This modulation
occurs while the phase locked loop is closed, thus allowing practically infinite transmit or receive times with excellent
frequency accuracy and stability. A 3dBm FSK-modulated differential signal is output at the TXO/TXOB pins at the
2.4GHz carrier frequency.
The integrated PLL frequency synthesizer includes a fully integrated VCO, prescaler, phase detector and charge pump.
The reference frequency is generated from the incoming signal at the FREF pin, which can be either 6.144MHz or
12.288MHz. The loop filter is external to allow customers to optimize their loop bandwidth to their system’s lock time
and in-band phase noise requirements. This frequency-agile synthesizer allows the ML2724 to be used in frequency
hopped spread spectrum (FHSS) applications with nominal channel spacing of 2.048MHz. Carrier frequency is
programmed via the configuration registers and 3-wire serial interface. The VCO tank circuit (inductor and varactor) is
fully integrated.
QPO
RVVCO
220nF
150
Ω
33nF
VTUNE
Example 13KHz Loop Filter
MODES OF OPERATION
There are three key modes of operation:
STANDBY:
All circuits powered down, except the control interface (Static CMOS)
RECEIVE:
Receiver circuits active
TRANSMIT:
Modulated RF output from IC
The two operational modes are RECEIVE and TRANSMIT, controlled by RXON. XCEN is the chip enable/disable
control pin, which sets the part in operational or STANDBY modes. The relationship between the parallel control lines
and the mode of operation of the IC is given in Table 1.
XCEN
RXON
MODE
FUNCTION
0
X
STANDBY
Control interfaces active, all other circuits powered down
1
1
RECEIVE
Receiver time slot
1
0
TRANSMIT
Transmit time slot
Table 1: Modes of Operation
DS2724-F-01
FINAL DATASHEET
APRIL 2003
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com