Electronic Components Datasheet Search
  English  ▼

X  

MMK10 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # MMK10
Description  Metallized polyester According to CECC 30401-042, IEC 60384-2, DIN 44122
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MMK10 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MMK10 Datasheet HTML 6Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 7Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 8Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 9Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 10Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 11Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 12Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 13Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
35
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Max
Old
tance
dU/dt
MMK
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
V/µs
Article code
size
MMK
100 VDC/63 VAC
LEAD SPACING 7.5 MM
0.039 *
2.5
6.0
10.0
7.5
2000
2500
3000
20
MMK7,5 393K100K00L4 BULK
K01
0.047 *
2.5
6.0
10.0
7.5
2000
2500
3000
20
MMK7,5 473K100K00L4 BULK
K01
0.056 *
2.5
6.0
10.0
7.5
2000
2500
3000
20
MMK7,5 563K100K00L4 BULK
K01
0.068 *
2.5
6.0
10.0
7.5
2000
2500
3000
20
MMK7,5 683K100K00L4 BULK
K01
0.082 *
2.5
6.0
10.0
7.5
2000
2500
3000
20
MMK7,5 823K100K00L4 BULK
K01
0.10 *
2.5
6.0
10.0
7.5
2000
2500
3000
20
MMK7,5 104K100K00L4 BULK
K01
0.12
4.0
8.0
10.5
7.5
1000
1700
1900
20
MMK7,5 124K100K01L4 BULK
0.15 *
4.0
8.0
10.5
7.5
1000
1700
1900
20
MMK7,5 154K100K01L4 BULK
K03
0.18 *
4.0
8.0
10.5
7.5
1000
1700
1900
20
MMK7,5 184K100K01L4 BULK
K03
0.22 *
4.0
8.0
10.5
7.5
1000
1700
1900
20
MMK7,5 224K100K01L4 BULK
K03
0.27 *
4.0
8.0
10.5
7.5
1000
1700
1900
20
MMK7,5 274K100K01L4 BULK
K03
0.33 *
5.0
11.0
10.5
7.5
1000
1300
1500
20
MMK7,5 334K100K03L4 BULK
K04
0.39 *
5.0
11.0
10.5
7.5
1000
1300
1500
20
MMK7,5 394K100K03L4 BULK
K04
0.47 *
5.0
11.0
10.5
7.5
1000
1300
1500
20
MMK7,5 474K100K03L4 BULK
K04
0.56 *
5.0
11.0
10.5
7.5
1000
1300
1500
20
MMK7,5 564K100K03L4 BULK
K04
0.68 *
5.0
11.0
10.5
7.5
1000
1300
1500
20
MMK7,5 684K100K03L4 BULK
K04
0.82 *
6.0
12.0
10.5
7.5
1000
1000
1200
20
MMK7,5 824K100K04L4 BULK
---
1.0 *
6.0
12.0
10.5
7.5
1000
1000
1200
20
MMK7,5 105K100K04L4 BULK
---
LEAD SPACING 10 MM
0.0010
4.0
9.0
13.0
10.0
1000
900
12
MMK10 102K100A01L4 BULK
0.0012
4.0
9.0
13.0
10.0
1000
900
12
MMK10 122K100A01L4 BULK
0.0015
4.0
9.0
13.0
10.0
1000
900
12
MMK10 152K100A01L4 BULK
0.0018
4.0
9.0
13.0
10.0
1000
900
12
MMK10 182K100A01L4 BULK
0.0022
4.0
9.0
13.0
10.0
1000
900
12
MMK10 222K100A01L4 BULK
0.0027
4.0
9.0
13.0
10.0
1000
900
12
MMK10 272K100A01L4 BULK
0.0033
4.0
9.0
13.0
10.0
1000
900
12
MMK10 332K100A01L4 BULK
0.0039
4.0
9.0
13.0
10.0
1000
900
12
MMK10 392K100A01L4 BULK
0.0047
4.0
9.0
13.0
10.0
1000
900
12
MMK10 472K100A01L4 BULK
0.0056
4.0
9.0
13.0
10.0
1000
900
12
MMK10 562K100A01L4 BULK
0.0068
4.0
9.0
13.0
10.0
1000
900
12
MMK10 682K100A01L4 BULK
0.0078
4.0
9.0
13.0
10.0
1000
900
12
MMK10 782K100A01L4 BULK
0.0082
4.0
9.0
13.0
10.0
1000
900
12
MMK10 822K100A01L4 BULK
0.010
4.0
9.0
13.0
10.0
1000
900
12
MMK10 103K100A01L4 BULK
0.012
4.0
9.0
13.0
10.0
1000
900
12
MMK10 123K100A01L4 BULK
0.015
4.0
9.0
13.0
10.0
1000
900
12
MMK10 153K100A01L4 BULK
0.018
4.0
9.0
13.0
10.0
1000
900
12
MMK10 183K100A01L4 BULK
0.022
4.0
9.0
13.0
10.0
1000
900
12
MMK10 223K100A01L4 BULK
0.027
4.0
9.0
13.0
10.0
1000
900
12
MMK10 273K100A01L4 BULK
0.033
4.0
9.0
13.0
10.0
1000
900
12
MMK10 333K100A01L4 BULK
0.039
4.0
9.0
13.0
10.0
1000
900
12
MMK10 393K100A01L4 BULK
0.047
4.0
9.0
13.0
10.0
1000
900
12
MMK10 473K100A01L4 BULK
0.056
4.0
9.0
13.0
10.0
1000
900
12
MMK10 563K100A01L4 BULK
0.068
4.0
9.0
13.0
10.0
1000
900
12
MMK10 683K100A01L4 BULK
0.082
4.0
9.0
13.0
10.0
1000
900
12
MMK10 823K100A01L4 BULK
0.10
4.0
9.0
13.0
10.0
1000
900
12
MMK10 104K100A01L4 BULK
0.12
4.0
9.0
13.0
10.0
1000
900
12
MMK10 124K100A01L4 BULK
0.15
4.0
9.0
13.0
10.0
1000
900
12
MMK10 154K100A01L4 BULK
0.18
4.0
9.0
13.0
10.0
1000
900
12
MMK10 184K100A01L4 BULK
0.22 *
4.0
9.0
13.0
10.0
1000
900
12
MMK10 224K100A01L4 BULK
A02
0.27 *
4.0
9.0
13.0
10.0
1000
900
12
MMK10 274K100A01L4 BULK
A03
0.33 *
4.0
9.0
13.0
10.0
1000
900
12
MMK10 334K100A01L4 BULK
A03
0.39 *
4.0
9.0
13.0
10.0
1000
900
12
MMK10 394K100A01L4 BULK
A03
0.47 *
4.0
9.0
13.0
10.0
1000
900
12
MMK10 474K100A01L4 BULK
A03
0.56 *
4.5
10.5
13.0
10.0
1000
800
12
MMK10 564K100A02L4 BULK
---
0.68 *
4.5
10.5
13.0
10.0
1000
800
12
MMK10 684K100A02L4 BULK
---
0.82 *
4.5
10.5
13.0
10.0
1000
800
12
MMK10 824K100A02L4 BULK
---
1.0 *
6.0
12.0
13.0
10.0
1000
800
12
MMK10 105K100A04L4 BULK
---
* Existing capacitance value in smaller dimensions or new capacitance value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com