Electronic Components Datasheet Search
  English  ▼

X  

MMK10 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # MMK10
Description  Metallized polyester According to CECC 30401-042, IEC 60384-2, DIN 44122
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MMK10 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button MMK10 Datasheet HTML 8Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 9Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 10Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 11Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 12Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 13Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 14Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 15Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
37
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Max
Old
tance
dU/dt
MMK
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
V/µs
Article code
size
MMK
250 VDC/160 VAC
* Existing capacitance value in smaller dimensions or new capacitance value.
LEAD SPACING 5 MM
0.0010
2.5
6.5
7.2
5.0
2000
2500
3000
40
MMK5 102K250J01L4 BULK
0.0012
2.5
6.5
7.2
5.0
2000
2500
3000
40
MMK5 122K250J01L4 BULK
0.0015
2.5
6.5
7.2
5.0
2000
2500
3000
40
MMK5 152K250J01L4 BULK
0.0018
2.5
6.5
7.2
5.0
2000
2500
3000
40
MMK5 182K250J01L4 BULK
0.0022
2.5
6.5
7.2
5.0
2000
2500
3000
40
MMK5 222K250J01L4 BULK
0.0027
2.5
6.5
7.2
5.0
2000
2500
3000
40
MMK5 272K250J01L4 BULK
0.0033
2.5
6.5
7.2
5.0
2000
2500
3000
40
MMK5 332K250J01L4 BULK
0.0039
2.5
6.5
7.2
5.0
2000
2500
3000
40
MMK5 392K250J01L4 BULK
0.0047
2.5
6.5
7.2
5.0
2000
2500
3000
40
MMK5 472K250J01L4 BULK
0.0056
2.5
6.5
7.2
5.0
2000
2500
3000
40
MMK5 562K250J01L4 BULK
0.0068
2.5
6.5
7.2
5.0
2000
2500
3000
40
MMK5 682K250J01L4 BULK
0.0082
2.5
6.5
7.2
5.0
2000
2500
3000
40
MMK5 822K250J01L4 BULK
0.010
2.5
6.5
7.2
5.0
2000
2500
3000
40
MMK5 103K250J01L4 BULK
0.012
2.5
6.5
7.2
5.0
2000
2500
3000
40
MMK5 123K250J01L4 BULK
0.015
2.5
6.5
7.2
5.0
2000
2500
3000
40
MMK5 153K250J01L4 BULK
0.018 *
2.5
6.5
7.2
5.0
2000
2500
3000
40
MMK5 183K250J01L4 BULK
J02
0.022 *
2.5
6.5
7.2
5.0
2000
2500
3000
40
MMK5 223K250J01L4 BULK
J02
0.027
3.5
8.0
7.2
5.0
2000
2000
2000
40
MMK5 273K250J02L4 BULK
0.033
3.5
8.0
7.2
5.0
2000
2000
2000
40
MMK5 333K250J02L4 BULK
0.039
3.5
8.0
7.2
5.0
2000
2000
2000
40
MMK5 393K250J02L4 BULK
0.047 *
3.5
8.0
7.2
5.0
2000
2000
2000
40
MMK5 473K250J02L4 BULK
J03
0.056 *
3.5
8.0
7.2
5.0
2000
2000
2000
40
MMK5 563K250J02L4 BULK
J03
0.068 *
3.5
8.0
7.2
5.0
2000
2000
2000
40
MMK5 683K250J02L4 BULK
J03
0.082 *
4.5
9.0
7.2
5.0
1000
1500
1700
40
MMK5 823K250J03L4 BULK
J04
0.10 *
4.5
9.0
7.2
5.0
1000
1500
1700
40
MMK5 104K250J03L4 BULK
J04
0.12 *
5.0
10.0
7.2
5.0
1000
1300
1500
40
MMK5 124K250J04L4 BULK
J05
0.15 *
5.0
10.0
7.2
5.0
1000
1300
1500
40
MMK5 154K250J04L4 BULK
J05
0.18 *
6.0
11.0
7.2
5.0
1000
1000
1200
40
MMK5 184K250J05L4 BULK
J06
0.22 *
6.0
11.0
7.2
5.0
1000
1000
1200
40
MMK5 224K250J05L4 BULK
J06
LEAD SPACING 7.5 MM
0.0010
2.5
6.0
10.0
7.5
2000
2500
3000
30
MMK7,5 102K250K00L4 BULK
0.0012
2.5
6.0
10.0
7.5
2000
2500
3000
30
MMK7,5 122K250K00L4 BULK
0.0015
2.5
6.0
10.0
7.5
2000
2500
3000
30
MMK7,5 152K250K00L4 BULK
0.0018
2.5
6.0
10.0
7.5
2000
2500
3000
30
MMK7,5 182K250K00L4 BULK
0.0022
2.5
6.0
10.0
7.5
2000
2500
3000
30
MMK7,5 222K250K00L4 BULK
0.0027
2.5
6.0
10.0
7.5
2000
2500
3000
30
MMK7,5 272K250K00L4 BULK
0.0033
2.5
6.0
10.0
7.5
2000
2500
3000
30
MMK7,5 332K250K00L4 BULK
0.0039
2.5
6.0
10.0
7.5
2000
2500
3000
30
MMK7,5 392K250K00L4 BULK
0.0047
2.5
6.0
10.0
7.5
2000
2500
3000
30
MMK7,5 472K250K00L4 BULK
0.0056
2.5
6.0
10.0
7.5
2000
2500
3000
30
MMK7,5 562K250K00L4 BULK
0.0068
2.5
6.0
10.0
7.5
2000
2500
3000
30
MMK7,5 682K250K00L4 BULK
0.0082
2.5
6.0
10.0
7.5
2000
2500
3000
30
MMK7,5 822K250K00L4 BULK
0.010
2.5
6.0
10.0
7.5
2000
2500
3000
30
MMK7,5 103K250K00L4 BULK
0.012
2.5
6.0
10.0
7.5
2000
2500
3000
30
MMK7,5 123K250K00L4 BULK
0.015
2.5
6.0
10.0
7.5
2000
2500
3000
30
MMK7,5 153K250K00L4 BULK
0.018 *
2.5
6.0
10.0
7.5
2000
2500
3000
30
MMK7,5 183K250K00L4 BULK
K01
0.022 *
2.5
6.0
10.0
7.5
2000
2500
3000
30
MMK7,5 223K250K00L4 BULK
K01
0.027 *
2.5
6.0
10.0
7.5
2000
2500
3000
30
MMK7,5 273K250K00L4 BULK
K01
0.033 *
2.5
6.0
10.0
7.5
2000
2500
3000
30
MMK7,5 333K250K00L4 BULK
K01
0.039
4.0
8.0
10.5
7.5
1000
1700
1900
30
MMK7,5 393K250K01L4 BULK
0.047
4.0
8.0
10.5
7.5
1000
1700
1900
30
MMK7,5 473K250K01L4 BULK
0.056 *
4.0
8.0
10.5
7.5
1000
1700
1900
30
MMK7,5 563K250K01L4 BULK
K03
0.068 *
4.0
8.0
10.5
7.5
1000
1700
1900
30
MMK7,5 683K250K01L4 BULK
K03
0.082 *
4.0
8.0
10.5
7.5
1000
1700
1900
30
MMK7,5 823K250K01L4 BULK
K03
0.10 *
4.0
8.0
10.5
7.5
1000
1700
1900
30
MMK7,5 104K250K01L4 BULK
K03
0.12 *
5.0
11.0
10.5
7.5
1000
1300
1500
30
MMK7,5 124K250K03L4 BULK
K04
0.15 *
5.0
11.0
10.5
7.5
1000
1300
1500
30
MMK7,5 154K250K03L4 BULK
K04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com