Electronic Components Datasheet Search
  English  ▼

X  

MMK10 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # MMK10
Description  Metallized polyester According to CECC 30401-042, IEC 60384-2, DIN 44122
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MMK10 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button MMK10 Datasheet HTML 13Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 14Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 15Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 16Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 17Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 18Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 19Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 20Page - List of Unclassifed Manufacturers MMK10 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
44
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Max
Old
tance
dU/dt
MMK
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
V/µs
Article code
size
MMK
630 VDC/220 VAC
* Existing capacitance value in smaller dimensions or new capacitance value.
LEAD SPACING 15 MM
0.15 *
7.5
14.5
18.0
15.0
800
400
25
MMK15 154K630B06L4 BULK
---
0.18 *
8.0
15.0
18.0
15.0
600
400
25
MMK15 184K630B12L4 BULK
---
0.22 *
9.5
17.5
18.0
15.0
500
350
25
MMK15 224K630B14L4 BULK
---
LEAD SPACING 22.5 MM
0.082
6.5
14.5
26.0
22.5
234
12
MMK22,5 823K630D13L4 TRAY
0.10
6.5
14.5
26.0
22.5
234
12
MMK22,5 104K630D13L4 TRAY
0.12 *
6.5
14.5
26.0
22.5
234
12
MMK22,5 124K630D13L4 TRAY
D17
0.15 *
6.5
14.5
26.0
22.5
234
12
MMK22,5 154K630D13L4 TRAY
D17
0.18 *
7.0
16.5
26.0
22.5
216
12
MMK22,5 184K630D17L4 TRAY
D14
0.22 *
7.0
16.5
26.0
22.5
216
12
MMK22,5 224K630D17L4 TRAY
D15
0.27 *
8.0
16.0
26.0
22.5
186
12
MMK22,5 274K630D14L4 TRAY
D18
0.33 *
9.0
18.5
26.0
22.5
168
12
MMK22,5 334K630D15L4 TRAY
D16
0.39 *
10.5
19.0
26.0
22.5
264
12
MMK22,5 394K630D18L4 TRAY
---
0.47 *
11.0
21.5
26.0
22.5
253
12
MMK22,5 474K630D16L4 TRAY
---
0.56 *
15.5
24.5
26.0
22.5
176
12
MMK22,5 564K630D19L4 TRAY
---
0.68 *
15.5
24.5
26.0
22.5
176
12
MMK22,5 684K630D19L4 TRAY
---
0.82 *
15.5
24.5
26.0
22.5
176
12
MMK22,5 824K630D19L4 TRAY
---
LEAD SPACING 27.5 MM
0.33
10.5
20.5
31.5
27.5
216
10
MMK27,5 334K630F11L4 TRAY
0.39
10.5
20.5
31.5
27.5
216
10
MMK27,5 394K630F11L4 TRAY
0.47 *
10.5
20.5
31.5
27.5
216
10
MMK27,5 474K630F11L4 TRAY F12
0.56 *
10.5
20.5
31.5
27.5
216
10
MMK27,5 564K630F11L4 TRAY F13
0.68 *
11.5
22.5
31.5
27.5
198
10
MMK27,5 684K630F12L4 TRAY F13
0.82 *
13.5
23.0
31.5
27.5
171
10
MMK27,5 824K630F03L4 TRAY F14
1.0 *
14.5
24.5
31.5
27.5
153
10
MMK27,5 105K630F13L4 TRAY F14
1.2 *
17.5
28.0
31.5
27.5
126
10
MMK27,5 125K630F14L4 TRAY ---
1.5 *
17.5
28.0
31.5
27.5
126
10
MMK27,5 155K630F14L4 TRAY ---
1.8 *
19.0
29.0
31.5
27.5
117
10
MMK27,5 185K630F15L4 TRAY ---
2.2 *
21.0
30.0
31.5
27.5
108
10
MMK27,5 225K630F16L4 TRAY ---
LEAD SPACING 37.5 MM
0.82
13.0
24.0
41.0
37.5
140
8
MMK37,5 824K630R05L4 TRAY
1.0 *
13.0
24.0
41.0
37.5
140
8
MMK37,5 105K630R05L4 TRAY R04
1.2 *
13.0
24.0
41.0
37.5
140
8
MMK37,5 125K630R05L4 TRAY R04
1.5 *
15.0
26.0
41.0
37.5
119
8
MMK37,5 155K630R04L4 TRAY R02
1.8 *
15.0
26.0
41.0
37.5
119
8
MMK37,5 185K630R04L4 TRAY R03
2.2 *
16.5
32.0
41.0
37.5
105
8
MMK37,5 225K630R02L4 TRAY R03
2.7 *
19.0
36.0
41.0
37.5
91
8
MMK37,5 275K630R03L4 TRAY ---
3.3 *
19.0
36.0
41.0
37.5
91
8
MMK37,5 335K630R03L4 TRAY ---
3.9 *
21.0
38.0
41.0
37.5
84
8
MMK37,5 395K630R06L4 TRAY ---
4.7 *
21.0
38.0
41.0
37.5
84
8
MMK37,5 475K630R06L4 TRAY ---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com