Electronic Components Datasheet Search
  English  ▼

X  

LM2727 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2727
Description  N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2727 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2727 Datasheet HTML 1Page - National Semiconductor (TI) LM2727 Datasheet HTML 2Page - National Semiconductor (TI) LM2727 Datasheet HTML 3Page - National Semiconductor (TI) LM2727 Datasheet HTML 4Page - National Semiconductor (TI) LM2727 Datasheet HTML 5Page - National Semiconductor (TI) LM2727 Datasheet HTML 6Page - National Semiconductor (TI) LM2727 Datasheet HTML 7Page - National Semiconductor (TI) LM2727 Datasheet HTML 8Page - National Semiconductor (TI) LM2727 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Electrical Characteristics (Continued)
V
CC = 5V unless otherwise indicated. Typicals and limits appearing in plain type apply for TA=TJ=+25˚C. Limits appearing in
boldface type apply over full Operating Temperature Range. Datasheet min/max specification limits are guaranteed by design,
test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
GATE DRIVE
I
Q-BOOT
BOOT Pin Quiescent Current
BOOTV = 12V, EN = 0
0˚C to +125˚C
-40˚C to +125˚C
95
95
160
215
µA
R
DS1
Top FET Driver Pull-Up ON
resistance
BOOT-SW = 5V@350mA
3
Ω
R
DS2
Top FET Driver Pull-Down ON
resistance
BOOT-SW = 5V@350mA
2
Ω
R
DS3
Bottom FET Driver Pull-Up ON
resistance
BOOT-SW = 5V@350mA
3
Ω
R
DS4
Bottom FET Driver Pull-Down
ON resistance
BOOT-SW = 5V@350mA
2
Ω
OSCILLATOR
f
OSC
PWM Frequency
R
FADJ = 590k
Ω
50
kHz
R
FADJ = 88.7k
Ω
300
R
FADJ = 42.2k
Ω, 0˚C to +125˚C
500
600
700
R
FADJ = 42.2k
Ω, -40˚C to +125˚C
490
600
700
R
FADJ = 17.4k
Ω
1400
R
FADJ = 11.3k
Ω
2000
D
Max Duty Cycle
f
PWM = 300kHz
f
PWM = 600kHz
90
88
%
LOGIC INPUTS AND OUTPUTS
V
SD-IH
SD Pin Logic High Trip Point
2.6
3.5
V
V
SD-IL
SD Pin Logic Low Trip Point
0˚C to +125˚C
-40˚C to +125˚C
1.3
1.25
1.6
1.6
V
V
PWGD-TH-LO
PWGD Pin Trip Points
FB Voltage Going Down
0˚C to +125˚C
-40˚C to +125˚C
0.413
0.410
0.430
0.430
0.446
0.446
V
V
PWGD-TH-HI
PWGD Pin Trip Points
FB Voltage Going Up
0˚C to +125˚C
-40˚C to +125˚C
0.691
0.688
0.710
0.710
0.734
0.734
V
V
PWGD-HYS
PWGD Hysteresis (LM2737 only) FB Voltage Going Down FB Voltage
Going Up
35
110
mV
Note 1: Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for which the device
operates correctly. Opearting Ratings do not imply guaranteed performance limits.
Note 2: The human body model is a 100pF capacitor discharged through a 1.5k resistor into each pin.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com