Electronic Components Datasheet Search
  English  ▼

X  

LM2727 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2727
Description  N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2727 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM2727 Datasheet HTML 13Page - National Semiconductor (TI) LM2727 Datasheet HTML 14Page - National Semiconductor (TI) LM2727 Datasheet HTML 15Page - National Semiconductor (TI) LM2727 Datasheet HTML 16Page - National Semiconductor (TI) LM2727 Datasheet HTML 17Page - National Semiconductor (TI) LM2727 Datasheet HTML 18Page - National Semiconductor (TI) LM2727 Datasheet HTML 19Page - National Semiconductor (TI) LM2727 Datasheet HTML 20Page - National Semiconductor (TI) LM2727 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Example Circuits (Continued)
This circuit shows the LM27x7 paired with a cost effective
solution to provide the 5V chip power supply, using no extra
components other than the LM78L05 regulator itself. The
input voltage comes from a ’brick’ power supply which does
not regulate the 12V line tightly. Additional, inexpensive 10uF
ceramic capacitors (Cinx and Cox) help isolate devices with
sensitive databands, such as DSL and cable modems, from
switching noise and harmonics.
In situations where low cost is very important, the LM27x7
can also be used as an asynchronous controller, as shown in
the above circuit. Although a a schottky diode in place of the
bottom FET will not be as efficient, it will cost much less than
the FET. The 5V at low current needed to run the LM27x7
could come from a zener diode or inexpensive regulator,
such as the one shown in Figure 7. Because the LM27x7
senses current in the low side MOSFET, the current limit
feature will not function in an asynchronous design. The
ISEN pin should be left open in this case.
20049408
FIGURE 7. 12V Unregulated to 3.3V, 3A, 750kHz
20049409
FIGURE 8. 12V to 5V, 1.8A, 100kHz
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com