Electronic Components Datasheet Search
  English  ▼

X  

LM2727 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2727
Description  N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2727 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2727 Datasheet HTML 1Page - National Semiconductor (TI) LM2727 Datasheet HTML 2Page - National Semiconductor (TI) LM2727 Datasheet HTML 3Page - National Semiconductor (TI) LM2727 Datasheet HTML 4Page - National Semiconductor (TI) LM2727 Datasheet HTML 5Page - National Semiconductor (TI) LM2727 Datasheet HTML 6Page - National Semiconductor (TI) LM2727 Datasheet HTML 7Page - National Semiconductor (TI) LM2727 Datasheet HTML 8Page - National Semiconductor (TI) LM2727 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM2727/LM2737
N-Channel FET Synchronous Buck Regulator Controller
for Low Output Voltages
General Description
The LM2727 and LM2737 are high-speed, synchronous,
switching regulator controllers. They are intended to control
currents of 0.7A to 20A with up to 95% conversion efficien-
cies. The LM2727 employs output over-voltage and under-
voltage latch-off. For applications where latch-off is not de-
sired, the LM2737 can be used. Power up and down
sequencing is achieved with the power-good flag, adjustable
soft-start and output enable features. The LM2737 and
LM2737 operate from a low-current 5V bias and can convert
from a 2.2V to 16V power rail. Both parts utilize a fixed-
frequency, voltage-mode, PWM control architecture and the
switching frequency is adjustable from 50kHz to 2MHz by
adjusting the value of an external resistor. Current limit is
achieved by monitoring the voltage drop across the on-
resistance of the low-side MOSFET, which enhances low
duty-cycle operation. The wide range of operating frequen-
cies gives the power supply designer the flexibility to fine-
tune component size, cost, noise and efficiency. The adap-
tive, non-overlapping MOSFET gate-drivers and high-side
bootstrap structure helps to further maximize efficiency. The
high-side power FET drain voltage can be from 2.2V to 16V
and the output voltage is adjustable down to 0.6V.
Features
n
Input power from 2.2V to 16V
n
Output voltage adjustable down to 0.6V
n
Power Good flag, adjustable soft-start and output enable
for easy power sequencing
n
Output over-voltage and under-voltage latch-off
(LM2727)
n
Output over-voltage and under-voltage flag (LM2737)
n
Reference Accuracy: 1.5% (0˚C - 125˚C)
n
Current limit without sense resistor
n
Soft start
n
Switching frequency from 50 kHz to 2 MHz
n
TSSOP-14 package
Applications
n
Cable Modems
n
Set-Top Boxes/ Home Gateways
n
DDR Core Power
n
High-Efficiency Distributed Power
n
Local Regulation of Core Power
Typical Application
20049410
June 2003
© 2003 National Semiconductor Corporation
DS200494
www.national.com


Similar Part No. - LM2727

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2727 TI-LM2727 Datasheet
1Mb / 31P
input Power from 2.2V to 16V, Output voltage Adjustable Down to 0.6V
LM2727 TI1-LM2727 Datasheet
1Mb / 31P
LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller
LM2727 TI-LM2727 Datasheet
1Mb / 31P
LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output
LM2727 TI1-LM2727 Datasheet
1Mb / 32P
LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2727 TI2-LM2727 Datasheet
948Kb / 34P
LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
REVISED MARCH 2013
More results

Similar Description - LM2727

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2742 NSC-LM2742 Datasheet
619Kb / 22P
N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM3743 NSC-LM3743 Datasheet
1Mb / 23P
N-Channel FET Synchronous Buck Controller for Low Output Voltages
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
N-Channel FET Synchronous Buck Regulator Controller
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
N-Channel FET Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2737MTCX TI-LM2737MTCX Datasheet
1Mb / 31P
LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output
LM2727 TI-LM2727_15 Datasheet
1Mb / 32P
LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2742 TI-LM2742_15 Datasheet
1Mb / 33P
N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2727 TI1-LM2727_16 Datasheet
1Mb / 32P
LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
Nuvoton Technology Corp...
W83320G NUVOTON-W83320G Datasheet
422Kb / 20P
N-Channel FET Synchronous Buck Regulator Controller
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com