Electronic Components Datasheet Search
  English  ▼

X  

83058 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 83058
Description  8:1, Single-Ended Multiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

83058 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 83058 Datasheet HTML 3Page - Integrated Device Technology 83058 Datasheet HTML 4Page - Integrated Device Technology 83058 Datasheet HTML 5Page - Integrated Device Technology 83058 Datasheet HTML 6Page - Integrated Device Technology 83058 Datasheet HTML 7Page - Integrated Device Technology 83058 Datasheet HTML 8Page - Integrated Device Technology 83058 Datasheet HTML 9Page - Integrated Device Technology 83058 Datasheet HTML 10Page - Integrated Device Technology 83058 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
83058 Datasheet
©2015 Integrated Device Technology, Inc
December 15, 2015
7
ADDITIVE PHASE JITTER
The spectral purity in a band at a specific offset from the fundamental
compared to the power of the fundamental is called the dBc Phase
Noise. This value is normally expressed using a Phase noise plot
and is most often the specified plot in many applications. Phase
noise is defined as the ratio of the noise power present in a 1Hz
band at a specified offset from the fundamental frequency to the
power value of the fundamental. This ratio is expressed in decibels
As with most timing specifications, phase noise measurements has
issues relatings to the limitations of the equipment. Often the noise
floor of the equipment is higher than the noise floor of the device.
(dBm) or a ratio of the power in the 1Hz band to the power in the
fundamental. When the required offset is specified, the phase noise
is called a dBc value, which simply means dBm at a specified offset
from the fundamental. By investigating jitter in the frequency domain,
we get a better understanding of its effects on the desired application
over the entire time record of the signal. It is mathematically possible
to calculate an expected bit error rate given a phase noise plot.
This is illustrated above. The device meets the noise floor of what
is shown, but can actually be lower. The phase noise is dependent
on the input source and measurement equipment.
Additive Phase Jitter @ 155.52MHz
(12kHz to 20MHz) = 0.19ps typical
OFFSET FROM CARRIER FREQUENCY (HZ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com